Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45284 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45284
Description  QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45284 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45284 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45284 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45284 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• QMA Male Connector
• 50 Ohms
• Right Angle Body Geometry
• RG174, RG316, RG188 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.35:1
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45284 QMA male right angle connector with crimp/solder attachment for RG174, RG316 and RG188 is part
of our full line of RF components available for same-day shipping. Our QMA male connector operates up to a maximum
frequency of 6 GHz and offers good VSWR of 1.35:1. Its right angle body geometry allows for easier connections in tight
spaces.
Our QMA male right angle connector PE45284 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
Insertion Loss
0.12
dB
Operating Voltage (AC)
250
Vrms
Dielectric Withstanding Voltage (AC)
750
Vrms
Insulation Resistance
5,000
MOhms
RF Leakage
74
dB
.
Mechanical Specifications
Size
Length
0.77 in [19.56 mm]
Width/Dia.
0.413 in [10.49 mm]
Height
0.634 in [16.1 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316,
RG188 PE45284
PE45284 REV 1.0
QMA Male Right Angle Connector Crimp/Solder
Attachment for RG174, RG316, RG188
RF Connectors Technical Data Sheet
PE45284


Similar Part No. - PE45284

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4528 PASTERNACK-PE4528 Datasheet
215Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PE4528 PASTERNACK-PE4528 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
PE45285 PASTERNACK-PE45285 Datasheet
369Kb / 4P
SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE45284

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4393 PASTERNACK-PE4393 Datasheet
300Kb / 2P
BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE44188 PASTERNACK-PE44188 Datasheet
221Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44504 PASTERNACK-PE44504 Datasheet
260Kb / 2P
QMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4785 PASTERNACK-PE4785 Datasheet
0Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4733 PASTERNACK-PE4733 Datasheet
225Kb / 2P
RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44378 PASTERNACK-PE44378 Datasheet
214Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com