Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS05-R Datasheet(PDF) 33 Page - Broadcom Corporation.

Part # AC101L-DS05-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS05-R Datasheet(HTML) 33 Page - Broadcom Corporation.

Back Button AC101L-DS05-R Datasheet HTML 29Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 30Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 31Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 32Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 33Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 34Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 35Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 36Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 37Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Common Registers
Page 23
COMMON REGISTER 1: (MAP TO REG. 29, PAGE 0 A28.[15:12]=0000) TEST MODE REGISTER
COMMON REGISTER 4: (MAP TO REG. 29, PAGE 1 A28.[15:12]=0001) LED BLINK RATE
COMMON REGISTER 5: (MAP TO REG. 30, PAGE 1 A.28.[15:12]=0001) LED0 SETTING1
REGISTER
Default operation for LED0 is ON when Link; BLINK when Activity.
Table 23: Common Register 1: (Map to Reg. 29, Page 0 A28.[15:12]=0000) Test Mode Register
Bit
Name
Description
Mode
Default
A0.29.15
Reduce_mcou
nt
Reduces millisecond counter to 256 microseconds.
RO
0
A0.29.[14:10
]
Reserved
–
RO
00100
A0.29.[9:8]
Reserved
–
RW
00
A0.29.[7:4]
Test Mode
0000 = Normal operation.
RW
0000
A0.29.3
Burn In
1 = Enables burn-in test mode.
0 = Normal operation.
RW
0
A0.29.2
Output Disable
1 = Disables all digital output.
0 = Normal operation.
RW
0
A0.29.1
Reserved
0 = Normal operation.
RW
0
A0.29.0
Reduce Timer
1 = Reduces timer for auto-negotiation testing.
0 = Normal operation.
RW
0
Table 24: Common Register 4: (Map to Reg. 29, Page 1 A28.[15:12]=0001) LED Blink Rate
Bit
Name
Description
Mode
Default
A1.29.[15:8]
Reserved
–
RO
00000000
A1.29.[7:0]
Blink Rate
Set LED blink rate. The blink rate is this number × 16 ms.
Default value is 256 ms.
RW
00010000
Table 25: Common Register 5: (Map to Reg. 30, Page 1 A.28.[15:12]=0001) LED0 Setting1 Register
Bit
Name
Description
Mode
Default
A1.30.[15:13]
Reserved
–
RW
0000
A1.30.12
Force LED On
Forces LED0 on.
RW
0
A1.30.[11:9]
Reserved
–
RW
000
A1.30.8
Force LED Off
Forces LED0 off.
RW
0
A1.30.[7:0]
Msk Blink
Blink mask. When the bits are set to 1, a corresponding event
causes the LED to blink.
RW
00000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com