Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS05-R Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # AC101L-DS05-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS05-R Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button AC101L-DS05-R Datasheet HTML 8Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 9Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 10Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 11Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 12Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 13Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 15Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 2
Carrier Sense (CRS)/RXDV
Document
AC101L-DS06-R
In 100BASE-FX mode, the external fiber-optic receiver performs the signal energy detection function and communicates this
information directly to the SD signal (PIN 28).
In 10BASE-T mode, a link pulse detection circuit constantly monitors the RXP/RXN pins for the presence of valid link pulses.
CARRIER SENSE (CRS)/RXDV
Carrier sense is asserted asynchronously on the CRS pins as soon as activity is detected on the receive data stream. RXDV
is asserted as soon as a valid SSD (Start-of-Stream Delimiter) is detected. Carrier sense and RXDV are de-asserted
synchronously upon detection of a valid end of stream delimiter or two consecutive idle code groups in the receive data
stream. However, if the carrier sense is asserted and a valid SSD is not detected immediately, RXER is asserted instead of
RXDV.
In 10BASE-T mode, CRS is asserted asynchronously when the valid preamble and data activity is detected on the RXIP and
RXIN pins.
In the half-duplex mode, the CRS is activated during data transmit. In the full-duplex mode, the CRS is activated during data
receiving only.
COLLISION DETECTION
In half-duplex mode, collision detect is asserted on the COL pin whenever carrier sense is asserted and transmission is in
progress.
AUTO-NEGOTIATION
Auto-negotiation selection is on 100BASE twisted-pair PHY only; it is not operating in 100BASE fiber PHY.
In 100BASE-TX mode, auto-negotiation can be enabled or disabled by hardware or software control. When the auto-
negotiation function is enabled, the 100BASE-TX PHY automatically chooses its mode of operation by advertising its abilities
and comparing them with those received from its link partner. 100BASE-TX PHY can be configured to advertise 100BASE-
TX full-duplex or 100BASE-TX half-duplex.
The default auto-negotiation mode is configured via reset read value of ANEN/LED3 signal (pin 23) and SPD100/LED1.
Table 1: Auto-Negotiation Mode
Mode
Mode Name
Link Settings
0.13
Speed Select
The default value is SPD100.
0.12
ANEN Enable
1 = Enable Auto-negotiation.
0 = Disable Auto-negotiation.
0.8
Duplex
The default value is !ANEN && DUPLEX.
4.8/1.14
100BASE-TX Full-Duplex
The default value of this bit is SPD100 && DUPLEX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com