Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS01-R Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # 5802-DS01-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS01-R Datasheet(HTML) 3 Page - Broadcom Corporation.

  5802-DS01-R Datasheet HTML 1Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 2Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 3Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 4Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 5Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 6Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 7Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 8Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document 5802-DS03-405-R
Page iii
TABLE OF CONTENTS
Section 1: Functional Description...................................................................................... 1
Overview ........................................................................................................................................................ 1
Key Features and Statistics ........................................................................................................................... 1
Streamlined Hardware Interface ............................................................................................................. 1
IETF IPsec Compliant Acceleration ........................................................................................................ 2
IETF IKE ................................................................................................................................................. 2
Secure Socket Layer (SSL) v 3.0, Transport Layer Security (TLS) ........................................................ 2
Streamlined, Flexible Software Command and Packet Interface............................................................ 2
Additional Performance Enhancing Features ......................................................................................... 2
Advanced Testability Features................................................................................................................ 2
BCM5802 Additional Features to BCM5801 ........................................................................................... 3
Optimal Application Areas .............................................................................................................................. 3
Processing Overview ..................................................................................................................................... 3
Section 2: Hardware System Interface and Performance ................................................ 6
Application Examples ..................................................................................................................................... 6
Hardware Interface......................................................................................................................................... 7
Support for Both PCI 3.3V and PCI 5V Signaling Environments ..................................................... 7
Latency Tolerant Design .................................................................................................................. 7
Support for PCI Clock Rates from 25-33 MHz ................................................................................. 7
In-System Performance Analysis ................................................................................................................... 8
Section 3: Hardware Signal Definition Table..................................................................... 9
Pinout Diagram ............................................................................................................................................ 11
Section 4: Software Programming Model........................................................................ 12
Overview of Software Interface .................................................................................................................... 12
Memory Structures ....................................................................................................................................... 14
IPsec Crypto/Authentication Processing Data Structure....................................................................... 14
IKE/SSL/TLS Key Setup Processing Data Structure ............................................................................ 16
Pictorial Illustrations of Memory Structures........................................................................................... 19
IPsec ESP and AH (Bulk Encryption and Authentication) Processing........................................... 19
Key Setup Processing ................................................................................................................... 22
Alignment Restrictions ................................................................................................................................. 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com