Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS01-R Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # 5802-DS01-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS01-R Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button 5802-DS01-R Datasheet HTML 5Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 6Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 7Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 8Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 9Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 10Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 11Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 12Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Functional Description
Page 1
Sect ion 1 : F un cti o n a l Descrip t io n
OVERVIEW
This document describes the BCM5802 security processor. The BCM5802 provides high-performance, low-cost IPsec/IKE/
SSL/TLS security. The device is especially attractive for high-volume, cost-sensitive access products and telecommuter
solutions running over xDSL, cable modem, T1 line, T3 line, and 10/100 Mb ethernet interfaces.
KEY FEATURES AND STATISTICS
The feature set of the BCM5802 is optimized to enable cryptographic acceleration for protocols such as IPsec and IKE/
SSL/TLS acceleration. High in-system performance, low system cost and ease of software development are key goals of
the BCM5802. The following table lists the key features and statistics of the BCM5802.
STREAMLINED HARDWARE INTERFACE
•
Direct connect to 32-bit PCI 2.2 bus running at 25-33 MHz, 3.3V, or 5V PCI
•
Zero external components: no external memory, no clock chips/oscillators, no EEPROM
•
Ideally suited for a shared PCI bus: latency-tolerant design, programmable burst size
Table 1:
BCM5802 Key Features and Statistics
Supply
3.3V supply, 3.3V-driven, and 5V-tolerant I/O.
Engine throughput, 3DES + MD5/SHA1
>150 Mbps, all features on.
System throughput, 3DES+MD5/SHA1
100 Mbps.
System throughput, DH (1024b Mod, 180b Exp)
30 key setup/s.
System throughput, DSA
(1024b public key, 160b private key)
50 signing/s and 25 verification/s.
System throughput, 1024-bit RSA
20 private key operation/s.
External memory usage
No additional memory required.
External clock supply
No additional clock required. The chip is driven by PCI clock.
External bus
PCI 2.2, 25-33 MHz, 32-bit, 3.3V, and 5V.
Package
144-pin DQFP.
Technology
0.35 µm, 5LM standard-cell logic process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com