Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIT-R151 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HIT-R151
Description  New Revolutionary 15.6' Healthcare/Hospitality Infotainment Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HIT-R151 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HIT-R151 Datasheet HTML 1Page - Advantech Co., Ltd. HIT-R151 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
392
HIT-R151
Ordering Information
Part No.
Description
HIT-R151BR-AMW1E
15.6" Wide Screen, Intel J1900, Resistive Touch, 4G RAM,
500G HDD, Smart Card Reader, Camera, WiFi, BT, RFID,
Medical Adapter, Win8 Embedded Standard
HIT-R151BP-AMW1E
15.6" Wide Screen, Intel J1900, Pcap Touch, 4G RAM,
500G HDD, Smart Card Reader, Camera, WiFi, BT, RFID,
Medical Adapter, Win8 Embedded Standard
HIT-R151FR-AMW1E
15.6" Wide Screen, Freescale iMX6, Resistive Touch,
1G RAM, 8G eMMC, Smart Card Reader, Camera, RFID,
Medical Adapter
HIT-R151FP-AMW1E
15.6" Wide Screen, Freescale iMX6, PCap Touch, 1G RAM,
8G eMMC, Smart Card Reader, Camera, RFID, Medical
Adapter
HIT-R151FR-APW1E
15.6" Wide Screen, Freescale iMX6, Resistive Touch, 1G
RAM, 8G eMMC, Smart Card Reader, Camera, RFID, POE
HIT-R151FP-APW1E
15.6" Wide Screen, Freescale iMX6, Pcap Touch, 1G RAM,
8G eMMC, Smart Card Reader, Camera, RFID, POE
Accessories
Part Number
Description
HIT-R151-HSK0E
HIT-R151 Handset Kit
HIT-R151-MSR0E
HIT-R151 Magnetic Card Reader
PIT-ARM-WM0E
Swing Arm (Wall Mount Type, Maximum Loading: 6kg)
PIT-ARM-CM0E
Swing Arm (Ceiling Mount Type, Maximum Loading: 6kg)
Fully- Integrated I/O
A. TV Tuner (Optional)
B. 2-Pin GPIO
C. RJ-45 LAN port
D. USB 2.0
E. DC Inlet
F. Handset Dock
G. RJ-12 Handset Connector
H. SD slot (iMX6 only)
I. Power Button
J. USB 2.0 x 1 (iMX6), USB 2.0 x 2 (Baytrail)
K. MIC in
L. Line out
M. Barcode Scanner (optional)
N. Microphone
O. Smart Card Reader
Front Touch Button Layout of 5-key type for Resistive touch :
Front Touch Button Layout (PCAP) 1 Key Type :
Specifications (Cont.)
F
G
H
J K
M
NO
L
I
A BC DE
F
Power Supply
AC/DC Adapter
Input Voltage
100 ~ 240 VAC, 1.1 ~ 0.45 A @ 47~ 63 Hz
Output Voltage
IT or Medical 12~19 VDC, 3.5A
Environment
Operating Temperature
0 ~ 40° C
IP Rating
IP65 Front Panel
Vibration
1 G
Shock
10 G peak acceleration (11 msec, duration)
EMC & Safety Cert.
CE, FCC, CCC, BSMI, CB, UL ITE & Medical, EN 60950 & 60601-1 approved



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com