Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIT-R151 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # HIT-R151
Description  New Revolutionary 15.6' Healthcare/Hospitality Infotainment Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HIT-R151 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  HIT-R151 Datasheet HTML 1Page - Advantech Co., Ltd. HIT-R151 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Healthcare Infotainment Terminals
Features
HIT-R151
New Revolutionary 15.6" Healthcare/Hospitality
Infotainment Terminals
ƒ Super Slim, Ergonomic design ideal for Healthcare & Hospitality AIO
application
ƒ Perfect balance of a fanless, slim construction for a 15.6" All-In-One terminal
ƒ Full Flat, IP65 compliant, easy swiping with Resistive or Projective Capacitive
touch technology
ƒ VESA 75/100 standard mounting holes
ƒ Programmable touch hotkeys on front panel
ƒ Rich options - Handset/ RFID/ WiFi/ MSR/ Barcode Scanner/Smart Card
Reader/TV Tuner
ƒ ITE & Medical dual certifications (EN/UL-60950, EN/UL-60601-1)
ƒ POE supported on Freescale RISC platform
Introduction
Our new revolutionary HIT-R151 is equipped with a 15.6" multi-function touchscreen, WiFi, RFID, handset, smart card reader and 5 megapixel camera. The unit can provide both
Healthcare and Hospitality solutions with diverse entertainment programs such as TV, browsing, movies, or computer games under superior Freescale iMX6 or Intel Baytrail Quad-
Core processor. The HIT-R151 can be used to communicate with your families by internet cam, WiFi and Ethernet network connectivity. It can also identify and recognize both hospital
staff and patients through RFID and smart card reader.
Specifications
Hardware
CPU
Intel Celeron QC J1900 2.0GHz Processor
Freescale iMX6 QC 1.0 GHz Processor
Memory
DDR3L 2GB/4GB (MAX)
DDR3 1GB/2GB (MAX)
Primary Storage
500GB 2.5" SATA HDD
eMMc 8GB
Camera
5M CMOS with LED Indicator & Button
5M CMOS with LED Indicator & Button
Bus Expansion
Half Mini-PCIe x 1, Full Mini-PCIe x 1
NA
Display
Size
15.6" W TFT LED
Max Resolution
1366 x 768
Luminance
300 cd/m2
Contrast Ratio
500:1
Touchscreen
Type
Resistive 5 wires (Flat Glass) / Projected Capacitive (Flat Glass)
Durability
30 million touches
Front Button
Hotkey
PCap Touch (1 key): Display On/Off
Resistive Touch (6 keys) : Display On/Off, Vol-, Vol+, Home, Ch-, Ch+
I/O Ports
USB 3.0
1 (Rear)
NA
USB 2.0
2 (Bottom)
2 (Rear x 1, Bottom x 1)
SD Slot
NA
1 (Bottom)
Smart Card Reader
1
1
RFID
1
1
Headphone out
1
1
Microphone in
1
1
Handset out
2
2
Phoenix Port
1
1
DC-in
1
1
TV Tuner (SMA Jack)
1
1
Power Button
1
1
Audio
Speaker
2 watt x 2 , Audio output control via GPIO
Internal Microphone
1
Network
LAN
10/100/1000 RJ-45 x 1 (POE supported on Freescale platform)
Bluetooth
BT4.0 (Optional)
WLAN
802.11 b/g/n (Optional)
Software
OS
Embedded Linux 3.0, Android 4.x
Embedded 7 Standard, 7 Pro, 8 Standard, 8 Pro
Embedded Linux 3.0, Android 4.x
Mechanical
Mounting
VESA 75 x 75 & 100 x 100 mm
Dimensions ( W x H x D)
392 x 313.5 x 32.8 mm
Weight
Net Weight: 3.2kg (7.05lb) without adapter
Gross Weight: 4.7kg (10.36lb)
Option
TV Tuner
Optional (Built-in Module)
NA
MSR
Optional (Add-On Module)
NA
Finger Scanner
Optional (Add-On Module)
NA
Handset
Optional (Add-On Module)
Optional
Barcode Scanner
Optional (Bottom)
Optional (Bottom)
POE
NA
Optional
All product specifications are subject to change without notice
Last updated : 8-Jul-2015


Similar Part No. - HIT-R151

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-R151BP-AMW1E ADVANTECH-HIT-R151BP-AMW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
HIT-R151BR-AMW1E ADVANTECH-HIT-R151BR-AMW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
HIT-R151FP-AMW1E ADVANTECH-HIT-R151FP-AMW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
HIT-R151FP-APW1E ADVANTECH-HIT-R151FP-APW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
HIT-R151FR-AMW1E ADVANTECH-HIT-R151FR-AMW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
More results

Similar Description - HIT-R151

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-R151BR-AMW1E ADVANTECH-HIT-R151BR-AMW1E Datasheet
604Kb / 2P
New Revolutionary 15.6" Healthcare/Hospitality Infotainment Terminals
HIT-R181BR-AMW1E ADVANTECH-HIT-R181BR-AMW1E Datasheet
480Kb / 2P
New Revolutionary 18.5" Healthcare/ Hospitality Infotainment Terminals
HIT-W121-AST0E ADVANTECH-HIT-W121-AST0E Datasheet
943Kb / 2P
11.6" Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
HIT-W121-HSKE ADVANTECH-HIT-W121-HSKE Datasheet
943Kb / 2P
11.6 Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
HIT-W101C ADVANTECH-HIT-W101C Datasheet
370Kb / 2P
10.1' Healthcare/Hospitality Information Terminal
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121B ADVANTECH-HIT-W121B Datasheet
1Mb / 2P
11.6' Healthcare/Hospitality Infortainment Terminal
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-W153 ADVANTECH-HIT-W153 Datasheet
941Kb / 2P
Innovative 15.6 Healthcare/Hospitality Information Terminal
12-Mar-2018
HIT-W101L ADVANTECH-HIT-W101L Datasheet
653Kb / 4P
10.1" Healthcare/Hospitality Information Terminal
10-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com