Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-8424SA-R5A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HPC-8424SA-R5A1E
Description  4U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-8424SA-R5A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HPC-8424SA-R5A1E Datasheet HTML 1Page - Advantech Co., Ltd. HPC-8424SA-R5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
HPC-8424
Ordering Information
Part Number
Chassis
Depth
Built-in PSU
Configuration
Front HDD
Backplane
Rear HDDs
(2 x 2.5")
Default
Rail Kit
Motherboard
Form-factor
Expansion Slots
HPC-8424SE-R8A1E
620mm
RPSU 800W
SAS12Gb/s
Hot-Swap
26”
EATX, ATX, uATX
x6* Full Height
HPC-8424SA-R5A1E
540mm
RPSU 550W
SAS12Gb/s
Hot-Swap
26”
ATX, uATX
x6* Full Height
Note: one slot will be occupied by SAS RAID card
Packing List
Item
Quantity
Slide Rail Kit
1
Optional Accessories
Part Number
Description
9891821200E
PCIe x16 Riser card for 4-port NVMe drives
1700025064-01
Internal SAS cable (12G) SFF8643 to SFF8643, 60cm
1700025439-01
Internal SAS cable (6G) SFF8643 to SFF8087, 60cm
448 [17.64]
438 [17.24]
43.5 [1.71]
466.4 [18.36]
484.2 [19.06]
448 [17.64]
43.5 [1.71]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com