Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-8424SA-R5A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # HPC-8424SA-R5A1E
Description  4U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-8424SA-R5A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  HPC-8424SA-R5A1E Datasheet HTML 1Page - Advantech Co., Ltd. HPC-8424SA-R5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server-grade IPCs
Features
HPC-8424
4U Storage Chassis for ATX/EATX
Serverboard with 24 Hot-swap Drive Bays
ƒ 4U rackmount chassis supports EATX/ATX/uATX motherboard
ƒ 24-bay hot-swappable 3.5"/2.5" SAS 12Gb/s drives or SATA 6Gb/s drives
ƒ 4 x NVMe drives supported via an optional riser card
ƒ Support 2 hot-swappable 2.5" drive bays at the rear
ƒ Supports 80+ redundant power supply
Specifications
Drive Bay
Front
Rear
3.5"/2.5"
24 (Hot-Swap)
-
2.5"
-
2
Cooling
Fan
4 (8 cm)
Air Filter
-
Front I/O Interface
USB
2
Miscellaneous
LED Indicators
LAN1, LAN2, HDD, Power, and Information LED
Environment
Operating
Non-Operating
Temperature
0 ~ 35 °C (32 ~ 95 °F)
-40 ~70 °C (-40 ~158 °F)
Humidity
10 ~ 95% @ 40 °C, non-condensing
10 ~ 95% @ 60 °C, non-condensing
Vibration (5 ~ 500 Hz)
0.25 Grms
2 G
Shock
5 G (with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
438 x 176 x 620 mm (17.24" x 6.93" x 24.41") / 438 x 176 x 540 mm (17.24" x 6.93" x 21.26")
Weight
31 kg (without hard drivers)
Front View
Rear View
NEW
All product specifications are subject to change without notice
Last updated : 3-Feb-2017


Similar Part No. - HPC-8424SA-R5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-8424SE-80RB1 ADVANTECH-HPC-8424SE-80RB1 Datasheet
1Mb / 2P
4U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
24-Mar-2021
More results

Similar Description - HPC-8424SA-R5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-8212 ADVANTECH-HPC-8212 Datasheet
931Kb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 12 Hot-swap Drive Bays
HPC-8212 ADVANTECH-HPC-8212_17 Datasheet
1Mb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
HPC-8224 ADVANTECH-HPC-8224 Datasheet
1Mb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
HPC-8316 ADVANTECH-HPC-8316 Datasheet
1Mb / 2P
3U Storage Chassis for ATX/EATX Serverboard with 16 Hot-swap Drive Bays
HPC-8212 ADVANTECH-HPC-8212_V01 Datasheet
1Mb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 12 Hot-swap Drive Bays
24-Mar-2021
HPC-8224 ADVANTECH-HPC-8224_V01 Datasheet
1Mb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
24-Mar-2021
HPC-8316 ADVANTECH-HPC-8316_V01 Datasheet
881Kb / 2P
3U Storage Chassis for ATX/EATX Serverboard with 16 Hot-swap Drive Bays
3-Mar-2021
HPC-8424 ADVANTECH-HPC-8424_V01 Datasheet
1Mb / 2P
4U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
24-Mar-2021
HPC-8104 ADVANTECH-HPC-8104 Datasheet
619Kb / 2P
1U Storage Chassis for MicroATX/ATX Serverboard with 4 Hot-swap Drive Bays
6-Aug-2021
HPC-8108 ADVANTECH-HPC-8108 Datasheet
689Kb / 2P
1U Storage Chassis for EATX/ATX Server board with 8 hot-swap Drive Bays
9-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com