Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM121 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM121
Description  SINGLE CHIP PWM & HOUSEKEEPING IC FOR HALF BRIDGE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM121 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM121 Datasheet HTML 1Page - STMicroelectronics TSM121 Datasheet HTML 2Page - STMicroelectronics TSM121 Datasheet HTML 3Page - STMicroelectronics TSM121 Datasheet HTML 4Page - STMicroelectronics TSM121 Datasheet HTML 5Page - STMicroelectronics TSM121 Datasheet HTML 6Page - STMicroelectronics TSM121 Datasheet HTML 7Page - STMicroelectronics TSM121 Datasheet HTML 8Page - STMicroelectronics TSM121 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSM121
2/12
PIN DESCRIPTION
Name
Pin #
Type
Function
Vcc
2
Power Supply
Positive Power Supply line.
Gnd
21
Power Supply
Ground. 0V Reference for all voltages.
Housekeeping
Vs12
15
Analog input
Over & under voltage sense input dedicated to the 12V line
Vs5
14
Analog input
Over & under voltage sense input dedicated to the 5V line
Vs33
13
Analog input
Over & under voltage sense input dedicated to the 3.3V line
Tuv
18
Timing capacitor
Adjustable Under voltage blanking delay at Power Up (setting capacitor)
EP
16
Analog input
Extra Protection (Over voltage for -5V and/or -12V line or Primary
OverPower protection). If this extra Protection circuit is not used, pin EP
should be connected to Vref2
Is12
10
Analog input
Over current sense input dedicated to the 12V line
Is5
11
Analog input
Over current sense input dedicated to the 5V line
Is33
12
Analog input
Over current sense input dedicated to the 3.3V line
PI
17
Analog input
Power Good input. This pin detects the power conditions.
PG
9
Open Collector
Power Good output. PG output is High when the power conditions are OK.
Tpg
8
Timing capacitor
Adjustable Power Good delay (setting capacitor)
REM
6
TTL input
Input Remote control of the complete system by the motherboard
(µController). Remote is active high. Switch OFF/ON of the Power Supply.
Reset of the complete system after a FAULT activation.
Trem
7
Timing capacitor
Adjustable Remote delay (setting capacitor)
Tsur
19
Analog input
Inrush Current Blank (surge) setting resistor and capacitor input. Avoids
that the Housekeeping protection latches on normal start up surge
conditions.
PWM
Vref2
20
Voltage Reference
Voltage Reference for all the PWM section. Vref2 is uncommitted to Vref1
(Housekeeping section). Vref2 should be connected to a decoupling
capacitor (0.1µF)
IN+
5
Opamp input
Positive Input of the error amplifier
IN-
4
Opamp input
Negative Input of the error amplifier
FB
3
Feedback
Feedback input of the error amplifier
OSC
22
Timing capacitor
Frequency setting capacitor input
SS/DTC
23
Analog input
Soft Start. Imposes progressive increase of the switching duty cycle to
avoid current inrush at power up. When SS/DTC is high, duty cycle is low.
When SS/DTC is low, duty cycle is high. Dead Time Control. Limits the
maximum duty cycle to a programmable level using appropriate external
bridge resistor.
C1
1
Open Collector
Output Drive (to Pulse Transformer. Open Collector 1)
C2
24
Open Collector
Output Drive (to Pulse Transformer. Open Collector 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com