Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM121 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM121
Description  SINGLE CHIP PWM & HOUSEKEEPING IC FOR HALF BRIDGE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM121 Datasheet(HTML) 5 Page - STMicroelectronics

  TSM121 Datasheet HTML 1Page - STMicroelectronics TSM121 Datasheet HTML 2Page - STMicroelectronics TSM121 Datasheet HTML 3Page - STMicroelectronics TSM121 Datasheet HTML 4Page - STMicroelectronics TSM121 Datasheet HTML 5Page - STMicroelectronics TSM121 Datasheet HTML 6Page - STMicroelectronics TSM121 Datasheet HTML 7Page - STMicroelectronics TSM121 Datasheet HTML 8Page - STMicroelectronics TSM121 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TSM121
5/12
Trem2
Remote Adjustable Delay OFF to ON
Load Capacitor
Crem=0.1
µF
40
50
60
ms
PWM SECTION
Voltage Reference (Vref2)
Vref2
Voltage Reference
Iout = 0mA
2.46
2.5
2.54
V
Is
Current Stability = Load Regulation
Iout = 0mA to 10mA
20
mV
Ts
Temperature Stability
17
mV
Regline
Line Regulation
Iout <10mA, Vcc=14 to
24V
10
mV
Iout
Output Sourcing Current Capability
15
30
mA
Error Amplifier (IN+, IN-)
Vio
Input Offset Voltage
Vout (Feedback) = 2.5V
0
3
mV
Iio
Input Offset Current
Vout (Feedback) = 2.5V
50
nA
Iib
Input Bias Current
Vout (Feedback) = 2.5V
200
nA
GBP
Gain Bandwidth Product
RL = 2k
Ω, CL = 100pF
5
MHz
Vicm
Input Common Mode Voltage Range
-0.3
3.5
V
CMR
Common Mode Rejection Ratio
80
dB
Isink
Output Sink Current
Vout (Feedback) = 0.7V
1
mA
PWM Comparator
∆max
Maximum Duty Cycle
Soft Start=0V
45
48
50
%
Vicmp
Input Common Mode Voltage Range
-0.3
3.5
V
Soft Start & Dead Time Control
Vssth
Soft Start Voltage Threshold
Zero Duty Cycle
Maximum Duty Cycle
2.5
0
V
Vicms
Input Common Mode Voltage Range
-0.3
3.5
V
Oscillator (OSC)
Freq
Oscillator Frequency
Cf=220pF
70
100
140
kHz
Open Collector Outputs (C1, C2, Sink Current Only)
Icoh
High Output Collector Leakage Current
0.5
2
µA
Vcol
Low Output Collector Saturation Voltage Collector Current = 20mA
0.2
0.5
V
tr
C1, C2 rise time
1
µs
tf
C1, C2 fall time
1
µs
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com