Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM121C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM121C
Description  SINGLE CHIP PWM & HOUSEKEEPING IC FOR HALF BRIDGE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM121C Datasheet(HTML) 3 Page - STMicroelectronics

  TSM121C Datasheet HTML 1Page - STMicroelectronics TSM121C Datasheet HTML 2Page - STMicroelectronics TSM121C Datasheet HTML 3Page - STMicroelectronics TSM121C Datasheet HTML 4Page - STMicroelectronics TSM121C Datasheet HTML 5Page - STMicroelectronics TSM121C Datasheet HTML 6Page - STMicroelectronics TSM121C Datasheet HTML 7Page - STMicroelectronics TSM121C Datasheet HTML 8Page - STMicroelectronics TSM121C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TSM121
3/12
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
DC Supply Voltage
Value
Unit
Vcc
DC Supply voltage pin 2 1)
25
V
Iout
Output current Power Good and Fault
30
mA
Co
Collector Output Current
50
mA
Top
Operating Free Air Temperature Range
-55 to 125
°C
Pd
Power dissipation
1
W
Tstg
Storage temperature
-55 to 125
°C
Tuv
Adjustable Under voltage blanking delay at Power Up
5
V
EP
Extra Protection
5
V
PI
Power Good input
5
V
PG
Power Good output
5
V
Tpg
Adjustable Power Good delay
5
V
REM
Remote control
5
V
Trem
Adjustable Remote delay
5
V
Tsur
Adjustable Inrush Current Blank (surge)
5
V
IN+
Positive Input of the error amplifier
5
V
IN-
Negative Input of the error amplifier
5
V
FB
Feedback input of the error amplifier
5
V
OSC
Frequency setting capacitor input
5
V
1. All voltages values , except differential voltage , are with respect to network ground terminal .
Symbol
Parameter
Value
Unit
Vcc
DC Supply Voltage 1)
14 to 24
V
Co
Collector Output Current
up to 30
mA
Freq
Oscillator Frequency
<200
kHz
Toper
Operating Free Air Temperature Range
0 to 85
°C
1. The TSM121 starts working properly before 14V, but the 12V line over current protection can be reliable only when Vcc has reached a
sufficient level: t(he DC supply voltage must be higher than the voltage applied on the Is12 input (12V line protection) plus 2V. For exam-
ple, if 13.2V is present on the IS12 input, the minimum required value on Vcc is 15.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com