Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM121C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM121C
Description  SINGLE CHIP PWM & HOUSEKEEPING IC FOR HALF BRIDGE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM121C Datasheet(HTML) 1 Page - STMicroelectronics

  TSM121C Datasheet HTML 1Page - STMicroelectronics TSM121C Datasheet HTML 2Page - STMicroelectronics TSM121C Datasheet HTML 3Page - STMicroelectronics TSM121C Datasheet HTML 4Page - STMicroelectronics TSM121C Datasheet HTML 5Page - STMicroelectronics TSM121C Datasheet HTML 6Page - STMicroelectronics TSM121C Datasheet HTML 7Page - STMicroelectronics TSM121C Datasheet HTML 8Page - STMicroelectronics TSM121C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
s HOUSEKEEPING CIRCUIT :
s Over voltage protection for 3.3V, 5V and 12V
without external components
s Additional Over voltage protection (-5V and/
or -12V, or Primary Over Power control) with
external components
s Under voltage protection for 3.3V, 5V and
12V without external components
s Over current protection for 3.3V, 5V and 12V
with internal threshold voltage
s Externally adjustable Inrush Current blanking
during transients
s Externally adjustable Under voltage blanking
during Power Up
s Power Good output
s Externally adjustable PG delay
s Remote input
s Externally adjustable Remote delay
s Internal Precision Voltage Reference (Vref1)
s PWM GENERATOR :
s Error Amplifier (easy compensation)
s Oscillator (adjustable frequency)
s PWM generation
s Soft Start & Dead Time Control (adjustable)
s Open collector outputs for indirect Pulse
Transformer driving
s Precision Voltage Reference (Vref2) (Uncom-
mitted with Vref1)
DESCRIPTION
The TSM121 integrated circuit incorporates all
sensing circuit to regulate and protect from over
voltage, under voltage and over current a multiple
output power supply (12V, 5V, 3.3V).
TSM121 incorporates all the necessary functions
for proper PWM generation and pulse transformer
drive to be adapted easily in the PC SMPS power
supplies, and all the Housekeeping features which
allow safe operation in all conditions, and very
high integration.
TSM121 integrates two independent Voltage Ref-
erences which are uncommitted to ensure safe
Regulation and Protection by the same chip.
APPLICATION
s Primary PWM and secondary housekeeping
in PC/Server SMPS using Half Bridge topol-
ogy
ORDER CODE
N = Dual in Line Package (DIP)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
Marking
N
TSM121C
0 to 85°C
•
TSM121C
N
DIP24 shrink
(Plastic Package)
VCC
FB
IN-
IN+
OSC
REM
TREM
TPG
PG
IS12
VS33
VS5
VS12
PI
TUV
EP
TSUR
GND
VREF2
SS/DTC
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C2
C1
IS5
IS33
TSM121
SINGLE CHIP PWM & HOUSEKEEPING IC
FOR HALF BRIDGE SMPS
January 2001


Similar Part No. - TSM121C

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSM1212D TRACOPOWER-TSM1212D Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1212S TRACOPOWER-TSM1212S Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1215D TRACOPOWER-TSM1215D Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1215S TRACOPOWER-TSM1215S Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
More results

Similar Description - TSM121C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
Half-bridge power IC for CFL lamps
2004 Feb 03
logo
STMicroelectronics
L6591 STMICROELECTRONICS-L6591 Datasheet
580Kb / 32P
PWM controller for ZVS half-bridge
19-Jun-2008
logo
NXP Semiconductors
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
Half-bridge power IC for CFL lamps
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
Jingjing Microelectroni...
EG3525 EGMICRO-EG3525 Datasheet
1Mb / 17P
Push-pull, half bridge PWM control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com