Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS120-7ST Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS120-7ST
Description  AC LINE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120-7ST Datasheet(HTML) 2 Page - STMicroelectronics

  ACS120-7ST Datasheet HTML 1Page - STMicroelectronics ACS120-7ST Datasheet HTML 2Page - STMicroelectronics ACS120-7ST Datasheet HTML 3Page - STMicroelectronics ACS120-7ST Datasheet HTML 4Page - STMicroelectronics ACS120-7ST Datasheet HTML 5Page - STMicroelectronics ACS120-7ST Datasheet HTML 6Page - STMicroelectronics ACS120-7ST Datasheet HTML 7Page - STMicroelectronics ACS120-7ST Datasheet HTML 8Page - STMicroelectronics ACS120-7ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACS120-7SB/SFP/ST
2/11
Symbol
Parameter
Value
Unit
VDRM /VRRM
Repetitive peak off-state voltage
Tj = -10 °C
700
V
IT(RMS)
RMS on-state current full cycle sine
wave 50 to 60 Hz
DPAK
Tc = 115 °C
2
A
TO-220FPAB
Tc = °C
TO-220AB
Tc = 115 °C
ITSM
Non repetitive surge peak on-state current
Tj initial = 25°C, full cycle sine wave
F =50 Hz
20
A
F =60 Hz
11
A
I
2t
Fusing capability
tp = 10ms
2.2
A²s
dI/dt
Repetitive on-state current critical rate
of rise IG = 10mA (tr < 100ns)
Tj = 125°C
F = 120 Hz
50
A/
µs
VPP
Non repetitive line peak pulse voltage
note 1
2kV
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 30 to + 125
°C
Tl
Maximum lead soldering temperature during 10s
260
°C
Note 1: according to test described by IEC61000-4-5 standard & Figure 3.
ABSOLUTE RATINGS (limiting values)
For either positive or negative polarity of pin OUT voltage in respect to pin COM voltage
Symbol
Parameter
Value
Unit
PG (AV)
Average gate power dissipation
0.1
W
IGM
Peak gate current (tp = 20µs)
1
A
VGM
Peak positive gate voltage (in respect to pin COM)
5
V
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
S = 0.5cm²
DPAK
70
°C/W
TO-220FPAB
60
°C/W
TO-220AB
60
°C/W
Rth (j-l)
Junction to tab/lead for full cycle sine wave
conduction
DPAK
2.6
°C/W
TO-220FPAB
3.5
°C/W
TO-220AB
2.6
°C/W
S = Copper surface under Tab
THERMAL RESISTANCES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com