Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS120-7ST Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS120-7ST
Description  AC LINE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120-7ST Datasheet(HTML) 5 Page - STMicroelectronics

  ACS120-7ST Datasheet HTML 1Page - STMicroelectronics ACS120-7ST Datasheet HTML 2Page - STMicroelectronics ACS120-7ST Datasheet HTML 3Page - STMicroelectronics ACS120-7ST Datasheet HTML 4Page - STMicroelectronics ACS120-7ST Datasheet HTML 5Page - STMicroelectronics ACS120-7ST Datasheet HTML 6Page - STMicroelectronics ACS120-7ST Datasheet HTML 7Page - STMicroelectronics ACS120-7ST Datasheet HTML 8Page - STMicroelectronics ACS120-7ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACS120-7SB/SFP/ST
5/11
Fig. A: Turn-off operation of the ACS120 switch
with an electro-valve: waveform of the pin OUT
current IOUT and voltage VOUT.
VOUT
IOUT
VCL
IH
Fig. B: ACS120 switch static characteristic.
The ACS120 switch is able to sustain safely the AC line transient voltages either by clamping the low en-
ergy spikes or by breaking over under high energy shocks, even with high turn-on current rises.
The test circuit of the figure C is representative of the final ACS application and is also used to stress the
ACS switch according to the IEC 61000-4-5 standard conditions. Thanks to the load, the ACS switch sus-
tains the voltage spikes up to 2 kV above the peak line voltage. It will break over safely even on resistive
load where the turn on current rise is high as shown on figure D. Such non repetitive test can be done 10
times on each AC line voltage polarity.
AC LINE TRANSIENT VOLTAGE RUGGEDNESS
L
R
VAC +VPP
SURGE VOLTAGE
AC LINE & GENERATOR
RG = 220
Ω
COM
OUT
G
S
D
ON
ACSxx
Fig. C: Overvoltage ruggedness test circuit
for resistive and inductive loads according to
IEC61000-4-5 standards.
R = 150
Ω, L = 10µH, VPP = 2kV.
Fig. D: Current and Voltage of the ACS120 dur-
ing IEC61000-4-5 standard test with R,L&VPP .



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com