Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4154 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4154
Description  Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154 Datasheet(HTML) 3 Page - Analog Devices

  ADF4154 Datasheet HTML 1Page - Analog Devices ADF4154 Datasheet HTML 2Page - Analog Devices ADF4154 Datasheet HTML 3Page - Analog Devices ADF4154 Datasheet HTML 4Page - Analog Devices ADF4154 Datasheet HTML 5Page - Analog Devices ADF4154 Datasheet HTML 6Page - Analog Devices ADF4154 Datasheet HTML 7Page - Analog Devices ADF4154 Datasheet HTML 8Page - Analog Devices ADF4154 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADF4154
Rev. 0 | Page 3 of 20
SPECIFICATIONS
Table 1. AVDD = DVDD = SDVDD = 2.7 V to 3.3 V; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise
noted; dBm referred to 50 Ω. The operating temperature for the B version is −40°C to +80°C.
Parameter
B Version
Unit
Test Conditions/Comments
RF CHARACTERISTICS (3 V)
See
Figure 18 for input circuit.
RF Input Frequency (RFIN)1
0.5/4.0
GHz min/max
−8 dBm/0 dBm min/max. For lower frequencies, ensure slew rate > 396 V/µs.
1.0/4.0
GHz min/max
−10 dBm/0 dBm min/max.
REFERENCE CHARACTERISTICS
See Figure 17 for input circuit.
REFIN Input Frequency1
10/250
MHz min/max
For f < 10 MHz, use a dc-coupled, CMOS compatible square wave, slew rate >
21 V/µs.
REFIN Input Sensitivity
0.7/AVDD
V p-p
min/max
AC-coupled.
0 to AVDD
V max
CMOS compatible.
REFIN Input Capacitance
10
pF max
REFIN Input Current
±100
µA max
PHASE DETECTOR
Phase Detector Frequency2
32
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable. See Table 5.
High Value
5
mA typ
With RSET = 5.1 kΩ.
Low Value
312.5
µA typ
Absolute Accuracy
2.5
% typ
With RSET = 5.1 kΩ.
RSET Range
1.5/10
kΩ min/max
ICP Three-State Leakage Current
1
nA typ
Sink and source current.
Matching
2
% typ
0.5 V < VCP < VP – 0.5.
ICP vs. VCP
2
% typ
0.5 V < VCP < VP – 0.5.
ICP vs. Temperature
2
% typ
VCP = VP/2.
LOGIC INPUTS
VINH, Input High Voltage
1.4
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
±1
µA max
CIN, Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
V min
Open-drain 1 kΩ pull-up to 1.8 V.
VOL, Output Low Voltage
0.4
V max
IOL = 500 µA.
POWER SUPPLIES
AVDD
2.7/3.3
V min/V max
DVDD, SDVDD
AVDD
VP
AVDD/5.5
V min/V max
IDD3
24
mA max
20 mA typical.
Low Power Sleep Mode
1
µA typ
NOISE CHARACTERISTICS
Phase Noise Figure of Merit4
−213
dBc/Hz typ
ADF4154 Phase Noise Floor5
−143
dBc/Hz typ
@ 10 MHz PFD frequency.
−139
dBc/Hz typ
@ 26 MHz PFD frequency.
Phase Noise Performance6
@ VCO output.
1750 MHz Output7
−102
dBc/Hz typ
@ 1 kHz offset, 26 MHz PFD frequency.
1 Use a square wave for frequencies below fMIN.
2 Guaranteed by design. Sample tested to ensure compliance.
3 AC coupling ensures AVDD/2 bias. See
for typical circuit.
Figure 17
4 This figure can be used to calculate phase noise for any application. Use the formula –213 + 10log(fPFD) + 20logN to calculate in-band phase noise performance, as seen
at the VCO output. The value given is the lowest noise mode.
5 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N-divider value).
The value given is the lowest noise mode.
6 The phase noise is measured with the EVAL-ADF4154EB1 evaluation board and the HP8562E spectrum analyzer.
7 fREFIN = 26 MHz; fPFD = 26 MHz; offset frequency = 1 kHz; RFOUT = 1750 MHz; loop B/W = 20 kHz; lowest noise mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com