Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4154 Datasheet (PDF) - Analog Devices

ADF4154 Datasheet PDF - Analog Devices
Part # ADF4154
Download  ADF4154 Download
File Size   470.11 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fractional-N Frequency Synthesizer

ADF4154 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4154 Datasheet PDF - Analog Devices

Part # ADF4154
Download  ADF4154 Click to download

File Size   470.11 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fractional-N Frequency Synthesizer

ADF4154 Datasheet (HTML) - Analog Devices


ADF4154 Product details

GENERAL DESCRIPTION

The ADF4154 is a fractional-N frequency synthesizer that implements local oscillators in the up conversion and down conversion sections of wireless receivers and transmitters. It consists of a low noise digital phase frequency detector (PFD), a precision charge pump, and a programmable reference divider. There is a Σ-Δ based fractional interpolator to allow programmable fractional-N division. The INT, FRAC, and MOD registers define an overall N-divider (N = (INT + (FRAC/MOD))). In addition, the 4-bit reference counter (R-counter) allows selectable REFIN frequencies at the PFD input. A complete phase-locked loop (PLL) can be implemented if the synthesizer is used with an external loop filter and a voltage-controlled oscillator (VCO).



FEATURES

RF bandwidth to 4 GHz

2.7 V to 3.3 V power supply

Separate VP allows extended tuning voltage

Programmable dual-modulus prescaler 4/5, 8/9

Programmable charge pump currents

3-wire serial interface

Digital lock detect

Power-down mode

Pin compatible with the ADF4110/ADF4111/ADF4112/ADF4113, ADF4106, ADF4153

Programmable modulus on fractional-N synthesizer

Trade-off noise vs. spurious performance

Fast-lock mode with built-in timer

Loop filter design possible with ADIsimPLL™




Similar Part No. - ADF4154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4154BCPZ AD-ADF4154BCPZ Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
Rev. C
ADF4154BCPZ-RL AD-ADF4154BCPZ-RL Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
Rev. C
ADF4154BCPZ-RL7 AD-ADF4154BCPZ-RL7 Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
Rev. C
ADF4154BRU AD-ADF4154BRU Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
Rev. C
ADF4154BRU-REEL AD-ADF4154BRU-REEL Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
Rev. C
More results


Similar Description - ADF4154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
Fractional-N Frequency Synthesizer
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
Rev. C
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com