Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS105 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS105
Description  LED Streetlights Suit Huizhou
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS105 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS105 Datasheet HTML 1Page - Lumileds Lighting Company CS105 Datasheet HTML 2Page - Lumileds Lighting Company CS105 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS105 LED Streetlights Suit Huizhou Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Challenge
Huizhou city is located in southern China, in the central Guangdong province and close
to Hong Kong. This is home to the latest retrofit of 150-400W high pressure sodium
(HPS) streetlights to energy-efficient luminaires. The goal of the project was to upgrade
20,000 existing streetlights in a 1:1 fashion to Huizhou ForYou Optoelectronics
luminaires with LUXEON T LEDs.
High luminaire reliability, high energy efficiency and low net system cost were the key
requirements for this project. In addition, because the roadways feature HPS lamps
with varying pole heights (5–14m), different luminaire and secondary optical designs
were needed to meet the various light distribution requirements.
Solution
HPS lamps that draw 150W, 250W, 400W and 550W were replaced with four models
of Huizhou ForYou Optoelectronics IP68 LED luminaires. The different roadway
conditions called for both 3000K and 4000K color temperature and a minimum color
rendering index of 70. The four luminaires used were the T3B-2 IP68 LED streetlight
(68W), the T3B-2 IP68 LED streetlight (105W), the T3A-5 IP68 LED streetlight (170W)
and the T11A-7 IP68 LED streetlight (238W), which deliver an initial luminous flux of
6460 lumens, 9975 lumens, 16150 lumens and 22610 lumens at 3000K CCT and
70CRI, respectively. All models feature tool-free onsite maintenance, and a honeycomb
briquette design for effective heat dissipation from the LEDs.
Summary
Huizhou city is replacing 20,000
HPS streetlights with LED luminaires
that deliver the highest efficacy and
reliability at a competitive price.
Challenge
Provide an energy efficient, flexible
solution for streetlights throughout
Huizhou city, where pole heights
vary from 5–14 meters and flux
requirements vary from 6,000–
22,000 lumens.
Solution
Install four LED luminaires that
deliver 6,460, 9,975, 16,150 and
22,610 lumens initial flux and efficacy
exceeding 95 lm/W at 3000K and
70CRI — using LUXEON T emitters.
Results & Benefits
Huizhou ForYou LED luminaires
feature an expected lifetime of 10
years (L70 of 60,000 hrs), leading to
less interruption along busy roadways
to replace streetlamps, 60% less
energy consumption and 60% less
CO
2 emissions.
LED Streetlights
Suit Huizhou
Four types of luminaires from Huizhou
ForYou Optoelectronics Technology Co., Ltd.
utilize a modular design to meet the high
lumen output and efficacy requirements for
pole heights ranging from 5 to 14 meters
(16 to 50 feet). The luminaires incorporate
LUXEON T LEDs from Lumileds, the
workhorse emitters for highest efficacy in
directional, high flux applications.


Similar Part No. - CS105

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS1050BL CUI-CS1050BL Datasheet
341Kb / 4P
CURRENT SENSOR
logo
Same Sky Devices
CS1050BL SAMESKY-CS1050BL Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
logo
Coilcraft lnc.
CS1050L COILCRAFT-CS1050L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
CS1050L COILCRAFT-CS1050L Datasheet
297Kb / 1P
D1869L_15
More results

Similar Description - CS105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Axiomtek Co., Ltd.
EBOX646-FL AXIOMTEK-EBOX646-FL Datasheet
254Kb / 1P
Best suit for gaming management system
logo
Level One
WAP-6101 LVL1-WAP-6101 Datasheet
487Kb / 5P
Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
WAP-6150 LVL1-WAP-6150 Datasheet
462Kb / 6P
300Mbps Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
logo
ALPS ELECTRIC CO.,LTD.
RK09L ALPS-RK09L_15 Datasheet
972Kb / 6P
Single-unit and dual-unit types suit a variety of controls
logo
Axiomtek Co., Ltd.
EBOX646-FL AXIOMTEK-EBOX646-FL_16 Datasheet
263Kb / 1P
Best suit for gaming management system
logo
Marl International Limi...
235-038-93 MARL-235-038-93_13 Datasheet
254Kb / 4P
Voltage ranges to suit both AC and DC operation
logo
First Silicon Co., Ltd
FTK3907Z FS-FTK3907Z Datasheet
1Mb / 5P
Suit for -4.5V Gate Drive Applications
logo
Quelighting Corp
QLSP02WXE QUELIGHTING-QLSP02WXE Datasheet
1Mb / 18P
This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
QLSP04WXL QUELIGHTING-QLSP04WXL Datasheet
1Mb / 18P
This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.0 09-25-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com