Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS105 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS105
Description  LED Streetlights Suit Huizhou
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS105 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS105 Datasheet HTML 1Page - Lumileds Lighting Company CS105 Datasheet HTML 2Page - Lumileds Lighting Company CS105 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS105 LED Streetlights Suit Huizhou Case Study 20150330 ©2015 Lumileds Holding B.V. All rights reserved.
2
“Huizhou ForYou Optoelectronics invested in new equipment so that we could
switch over to SMT production and therefore raise the yield and productivity of our
luminaires.”
— Mr. HuiQing Deng, Vice GM
Huizhou ForYou Optoelectronics
According to Huizhou ForYou Optoelectronics, Lumileds was
chosen to partner on this project due to its superior technical
support and application support. The LED emitter used, the
LUXEON T, and the specifications it meets, were only the first
steps in luminaire development. Consistent delivery of these
specifications was ensured by both design verification at
the component level and alignment of LM-80 data between
Huizhou ForYou Optoelectronics and Lumileds. Huizhou
ForYou Optoelectronics further performed burn-in testing
of all emitters and sample testing of system performance
parameters for quality control.
Results & Benefits
LUXEON T LEDs feature an L70 lumen maintenance lifetime
of 60,000 hours relative to 15,000 hours for HPS. HPS bulbs
also typically deliver an efficacy of 60 lm/W versus 95 lm/W at
the LED luminaire level for a 3000K luminaire at 70CRI. Color
consistency of the emitters is delivered within a single 3- or
5-step MacAdam ellipse.
Another way that reliability and yield of these luminaires
was improved was by upgrading the SMT (surface mount
technology) assembly equipment, solder reflow ovens
and x-ray inspection systems used by Huizhou ForYou
Optoelectronics. By improving the SMT process control,
functional yield was even more optimized.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com