Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS112 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS112
Description  Thailand Launches Ambitious Street Lighting Project
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS112 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS112 Datasheet HTML 1Page - Lumileds Lighting Company CS112 Datasheet HTML 2Page - Lumileds Lighting Company CS112 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS112 Thailand Launches Ambitious Street Lighting Project Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Thailand Launches
Ambitious Street
Lighting Project
Challenge
Replace existing high pressure sodium
(HPS) lamps with LED streetlights that
meet strict specifications for quality
of light and reliability issued by the
Bangkok government.
Solution
Forth developed and manufactured
ECO-ONE and ECO-TWO fixtures for
residential areas and highways —
LED streetlights that consume 110W
and produce the same output (11,000
lumens) as the 250W HPS lamps
they replace. The LEDs used in these
fixtures, LUXEON Z ES and LUXEON
T/TX emitters, provide high flux and
high efficacy for neutral white (5000K)
illumination.
Benefits
Near-zero maintenance and improved
light quality on highways. Feedback
from residents indicated a feeling of
improved safety due to better color
rendering index (CRI>70) with LEDs
relative to HPS (CRI=20).
Results
The Thailand government is saving 5
million Baht annually in maintenance
cost and has determined that the
streetlights will pay for themselves in
2 years.
The government of Thailand plans on replacing legacy light fixtures in Bangkok with
over 400,000 LED streetlights, providing an energy savings of 70%. Forth streetlights
using Lumileds high-power LEDs were chosen for the project due to their high flux,
high efficacy and reliability.
A few years ago, Bangkok installed LED traffic signals throughout the city and realized
the many benefits of LEDs, including long life and a rapid payback period. In 2014, the
Thailand government decided that the high maintenance cost of legacy streetlights
warranted an investigation into LED replacements, provided that its strict specifications
for light quality and reliability could be met.
Customer Challenge
Bangkok, a city of 9 million people, installed LED traffic signals in 2003. Realizing the
benefits of the traffic signals in terms of their high reliability and very low maintenance,
the government was curious to see if LED streetlights also would prove to be a solid
investment. Maintenance of high pressure sodium (HPS) lamps was costing 5 million
Baht annually and they were replaced every 3 years. In pedestrian areas, HPS lighting
was generally considered insufficient and even unsafe in some cases — another
incentive to switch to LED lighting.
“Forth streetlights with LUXEON Z ES and LUXEON T and
TX LEDs met the government’s specifications for light
quality and reliability, while also delivering lamps with a
two-year payback period.”
— Matinee Wandeepirom
Director, Forth Corporation Public
Company


Similar Part No. - CS112

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
CS112-16IO8 NAINA-CS112-16IO8 Datasheet
118Kb / 2P
Phase Control Thyristors, 125A
logo
List of Unclassifed Man...
CS112026 ETC-CS112026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS112060 ETC-CS112060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS112075 ETC-CS112075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS112090 ETC-CS112090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3071N-G NSC-TP3071N-G Datasheet
84Kb / 3P
Engineering Project Manager
logo
STMicroelectronics
AN4382 STMICROELECTRONICS-AN4382 Datasheet
1Mb / 70P
100 W LED street lighting application using STLUX385A
04-Feb-2014
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
100 W LED street lighting application using STLUX385A
04-Dec-2014
STEVAL-IHP007V1 STMICROELECTRONICS-STEVAL-IHP007V1 Datasheet
539Kb / 8P
Power line communication module for street lighting
September 2016 Rev 4
logo
OSRAM GmbH
GWP7STA2.PM OSRAM-GWP7STA2.PM Datasheet
1Mb / 23P
Street and tunnel lighting
logo
Dialog Semiconductor
SLG7NT41563 DIALOG-SLG7NT41563 Datasheet
1Mb / 14P
Fog Project
logo
Ledil, Inc.
CA10967 LEDIL-CA10967 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks
logo
PHOENIX CONTACT
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
Software - PROJECT
logo
Ledil, Inc.
FN13323 LEDIL-FN13323 Datasheet
4Mb / 12P
Type ll and lll beam for street lighting.
FN14253 LEDIL-FN14253 Datasheet
6Mb / 10P
Type ll and lll beam for street lighting.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com