Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS112 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS112
Description  Thailand Launches Ambitious Street Lighting Project
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS112 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS112 Datasheet HTML 1Page - Lumileds Lighting Company CS112 Datasheet HTML 2Page - Lumileds Lighting Company CS112 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS112 Thailand Launches Ambitious Street Lighting Project Case Study 20150330 ©2015 Lumileds Holding B.V. All rights reserved.
2
Solution
Following an evaluation of competing solutions and a detailed
cost model analysis, the government of Thailand decided
to replace 400,000 streetlights on its highways and over
10,000 residential lamps on its side streets. LED streetlights
manufactured by Forth Corporation, a leading provider and
manufacturer of LED light fixtures in Thailand, were deemed
as ideal for this project.
Forth streetlights feature a robust overall design and a system
level efficacy of 100 lm/W. The ECO-TWO streetlights utilize
LUXEON T and TX emitters that are designed to achieve
high efficacy (143 lm/W at 350mA, 70CRI, 5000K) at a very
reasonable cost, delivering excellent color consistency,
luminance, and high flux.
In the residential areas, Forth ECO-ONE streetlights were used
to replace mercury vapor lamps that produced 4,000 to 6,000
lumens and consumed 100 to 125W, respectively. The ECO-
ONE lamp utilizes LUXEON Z ES emitters which deliver 142
lm/W at 70CRI and 5000K when driven at 350mA, which have
same footprint as LUXEON T and TX emitters, are compact
and flux density in an undomed solution for optical flexibility.
In outdoor applications the LEDs enable precise directionality
to maximize uniformity and limit gaps in luminance between
streetlights.
Benefits
Forth streetlights require near-zero maintenance and carry a
10-year warranty. On highways and in residential areas, the
LED streetlights provide reliable, improve illumination relative
to HPS streetlights.
Relative to HPS, the LED streetlights enable instant start and
flicker-free performance, uniformity of light and high color
rendering (CRI>70), lumen maintenance of 50,000 hours
(LM80), and no mercury disposal at end of life.
Results
Thailand has yet to install all 400,000 LED streetlights on its
residential areas and highways, but the results to date with
Forth ECO-ONE and ECO-TWO fixtures have been extremely
promising. Due to the very high efficacy of the LUXEON
LEDs and Forth streetlights, Thailand is able to realize a 70%
reduction in energy usage. That savings, combined with an
annual maintenance savings of 200 million Baht annually,
means the streetlight project will pay for itself rapidly.
“Lighting of the pedestrian areas is largely motivated by safety concerns. LED lighting
provides vibrant, consistent light in the designated areas.”
— Matinee Wandeepirom
Director, Forth Corporation Public Company



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com