Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS124 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS124
Description  Connected Bulb Outshines Rivals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS124 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS124 Datasheet HTML 1Page - Lumileds Lighting Company CS124 Datasheet HTML 2Page - Lumileds Lighting Company CS124 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS124 Connected Bulb Outshines Rivals Case Study ©2017 Lumileds Holding B.V. All rights reserved.
Connected Bulb
Outshines Rivals
Leedarson’s smart bulb features superior
colors and the broadest line of functional
white light in an affordable 9.5W A19 bulb.
Challenge
To develop an ODM smart bulb that
meets or exceeds the performance
metrics of the market-leading bulb but
at a more affordable price.
Solution
Developed a bulb with strategically
positioned LUXEON 3535L Color LEDs
in Red, Green, Blue and White for
optimal color mixing.
Results and Benefits
The smart bulb produces tunable
white light at 2700K-6500K and
16 million brilliant colors. The bulb
delivers 600 lumens at 2700K and
consistent color from one lamp to
another lamp.
Challenge
Smart bulbs represent a revolution in many areas, including home and school
lighting. Using a friendly app on one’s handheld device, you can personalize your
lighting environment at any time based on your needs or mood. However, a high
entry level price has limited the accessibility of this nascent technology. Leedarson
(http://www.leedarson.com/iot.php), a lighting specialist and ODM of energy efficient
bulbs, recently set out to design an LED connected bulb that performs as well or better
than the leading smart bulb but is available for a more affordable price. This smart
bulb delivers the widest range of tunable white light on the market and millions of
brilliant colors. In choosing LEDs for the bulb, Leedarson pursued the most impressive
light quality available while also stressing high energy efficiency and reliability. They
designed the bulb to have the look and feel of a standard A19 incandescent bulb.
Finally, the smart bulb communicates using wireless and is easily set up and controlled
via a free app.
“The LUXEON 3535L Color Line provided the high color
gamut, beam structure and color mixing capability
needed to produce the highest quality smart bulb at a
reasonable cost to our customers.“
— John Liu, VP of Engineering, IoT Product Line,
Leedarson


Similar Part No. - CS124

ManufacturerPart #DatasheetDescription
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
CS1243 CHIPSEA-CS1243 Datasheet
713Kb / 30P
24-bit Sigma-Delta ADC
More results

Similar Description - CS124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0216 AD-CN0216 Datasheet
603Kb / 5P
Devices Connected
Rev. 0
CN0221 AD-CN0221 Datasheet
418Kb / 5P
Devices Connected
Rev. C
CN0253 AD-CN0253 Datasheet
135Kb / 4P
Devices Connected
Rev. A
CN0267 AD-CN0267 Datasheet
336Kb / 8P
Devices Connected
Rev. B
CN0269 AD-CN0269 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
CN0287 AD-CN0287 Datasheet
476Kb / 9P
Devices Connected
Rev. C
CN0326 AD-CN0326 Datasheet
519Kb / 7P
Devices Connected
Rev. 0
CN0357 AD-CN0357 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
CN0385 AD-CN0385 Datasheet
532Kb / 13P
Devices Connected
Rev. 0
CN0388 AD-CN0388 Datasheet
503Kb / 5P
Devices Connected
Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com