Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS124 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS124
Description  Connected Bulb Outshines Rivals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS124 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS124 Datasheet HTML 1Page - Lumileds Lighting Company CS124 Datasheet HTML 2Page - Lumileds Lighting Company CS124 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS124 Connected Bulb Outshines Rivals Case Study 20170130 ©2017 Lumileds Holding B.V. All rights reserved.
2
Solution
Today, LEDs are capable of achieving unprecedented
efficiency while also being offered in a range of individually
packaged colors for ease of design. Following an evaluation of
the best LEDs on the market, Leedarson chose the LUXEON
335L Color Line to illuminate its smart bulb. Relative to its
competitors, the LUXEON 3535L Color Line offers a broader
color range with higher flux and better price performance. The
LUXEON 3535L Color Line also excels in efficiency. Cool white
efficacy is 165 lm/W and warm white efficacy is 150 lm/W
when driven at 100mA. The LEDs can also be driven at 200mA
to achieve higher flux.
The smart bulb combines a total of 31 Red, Green, Blue
and White LEDs (7:5:5:14) arranged strategically around the
perimeter of the bulb for excellent color mixing. Modeling
of the LEDs in various positions produced the optimum LED
arrangement. To reduce unnecessary heat build-up and
optimize performance, the driver electronics were designed
specifically for use with the LED configuration in the bulb. A
further design optimization revolved around positioning the
radio antenna used for wireless communication. In previous
designs, the antenna stood at the top center of the bulb with
LEDs around it. However, that real estate is now needed for
LEDs. The antenna had to be integrated into the lower portion
of the bulb while maintaining effectiveness.
Results and Benefits
Performance of the Leedarson bulb meets or exceeds that
of the smart bulb market leader. For instance, the Leedarson
bulb achieves 600 lumens at 2700K color temperature,
features a tunable white light range of 2700K-6500K, and
delivers 80 lm/W efficacy at 4000K. Because of the company’s
proprietary color calibration technique, color differences
between multiple bulbs with identical settings are negligible.
Tight color binning of the LUXEON 3535L LEDs further
leads to better color control within the lamp, as well as from
lamp to lamp. Due to the full color range from the LUXEON
3535L, the bulb can deliver up to 16 million colors, providing
more choices for consumers than with other bulbs. Light is
distributed at a 240° beam angle from the smart bulb.
In addition to excellent light quality, consumers demand a
reliable product. The Leedarson bulb is rated for 25,000 hours
of operation. The LUXEON 3535L Color Line is the only line of
its type to pass 35,000 hours of lumen maintenance testing at
test conditions as high as 105°C and 150mA.
”LED choice can mean the difference between good light and excellent light. The less
expensive connected bulbs cannot pass ErP regulations for 6 SDCM, whereas our
bulbs consistently measure less than 3 SDCM at 20 points in production.”
— John Liu, VP of Engineering, IoT Product Line, Leedarson



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com