Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVB-FKA Datasheet(PDF) 1 Page - Cree, Inc

Part # CLMVB-FKA
Description  PLCC4 3 in 1 RGB SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMVB-FKA Datasheet(HTML) 1 Page - Cree, Inc

  CLMVB-FKA Datasheet HTML 1Page - Cree, Inc CLMVB-FKA Datasheet HTML 2Page - Cree, Inc CLMVB-FKA Datasheet HTML 3Page - Cree, Inc CLMVB-FKA Datasheet HTML 4Page - Cree, Inc CLMVB-FKA Datasheet HTML 5Page - Cree, Inc CLMVB-FKA Datasheet HTML 6Page - Cree, Inc CLMVB-FKA Datasheet HTML 7Page - Cree, Inc CLMVB-FKA Datasheet HTML 8Page - Cree, Inc CLMVB-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The CLMVB-FKA full-color RGB LED
offers a high-intensity light output and a
wide viewing angle. The compact 2mm
x 2mm package allows for a very high
resolution screen and is designed to
work in a wide array of environmental
conditions. Cree PLCC full-color RGB
LEDs are suited for indoor video screen,
decorative lighting and amusement
applications.
FEATURES
• Size (mm):2.0x 2.0
• Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
Red (224 - 450)@ 20mA
Green (180 - 450)@10mA
Blue (56 - 140)@ 10mA
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement


Similar Part No. - CLMVB-FKA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLMVC-DXA-XHHJJKKLLMMNN1 CREE-CLMVC-DXA-XHHJJKKLLMMNN1 Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNN2 CREE-CLMVC-DXA-XHHJJKKLLMMNN2 Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNN3 CREE-CLMVC-DXA-XHHJJKKLLMMNN3 Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNN4 CREE-CLMVC-DXA-XHHJJKKLLMMNN4 Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-DXA-XHHJJKKLLMMNNT CREE-CLMVC-DXA-XHHJJKKLLMMNNT Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
More results

Similar Description - CLMVB-FKA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMUD-FKA CREE-CLMUD-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-FKC CREE-CLMVC-FKC Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com