Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVB-FKA Datasheet(PDF) 4 Page - Cree, Inc

Part # CLMVB-FKA
Description  PLCC4 3 in 1 RGB SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMVB-FKA Datasheet(HTML) 4 Page - Cree, Inc

  CLMVB-FKA Datasheet HTML 1Page - Cree, Inc CLMVB-FKA Datasheet HTML 2Page - Cree, Inc CLMVB-FKA Datasheet HTML 3Page - Cree, Inc CLMVB-FKA Datasheet HTML 4Page - Cree, Inc CLMVB-FKA Datasheet HTML 5Page - Cree, Inc CLMVB-FKA Datasheet HTML 6Page - Cree, Inc CLMVB-FKA Datasheet HTML 7Page - Cree, Inc CLMVB-FKA Datasheet HTML 8Page - Cree, Inc CLMVB-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 3 in 1 SMD RGB LED
CLMVB-FKA
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLMVB-FKA-CFHEHLCBB7a363
Red
224
450
RB
619
RB
624
Reel
Green
180
450
G7
520
Ga
540
Reel
Blue
56
140
B3
460
B6
480
Reel
CLMVB-FKA-CF1E1L1BB7D3D3
Red
Any 1 Intensity bin from F(224) - G(355)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from E(180) - G(355)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from L(56) - B(112)
Any 1 hue bin from B3(460) - B6(480)
Reel
CLMVB-FKA-CG1F1A1BB8C3C3
Red
Any 1 Intensity bin from G(355) - H(450)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from F(224) - H(450)
Any 1 hue bin from G8(525) - Ga(540)
Reel
Blue
Any 1 Intensity bin from A(71) - C(140)
Any 1 hue bin from B3(460) - B5(475)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-
bin code will be orderable in certain quantities.
2. For example, any 1 intensity-bin from F - H means only 1 intensity-bin (F or de or G or fg or H) will be shipped by
Cree.
3. For example, any 1 color-bin from G7 - Ga means only 1 color-bin (G7 or or G23 or G8 or G45 or G9 or G67 or Ga)
will be shipped by Cree.
4. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
5. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com