Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVC-FKA Datasheet(PDF) 3 Page - Cree, Inc

Part # CLMVC-FKA
Description  PLCC4 3 in 1 RGB SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMVC-FKA Datasheet(HTML) 3 Page - Cree, Inc

  CLMVC-FKA Datasheet HTML 1Page - Cree, Inc CLMVC-FKA Datasheet HTML 2Page - Cree, Inc CLMVC-FKA Datasheet HTML 3Page - Cree, Inc CLMVC-FKA Datasheet HTML 4Page - Cree, Inc CLMVC-FKA Datasheet HTML 5Page - Cree, Inc CLMVC-FKA Datasheet HTML 6Page - Cree, Inc CLMVC-FKA Datasheet HTML 7Page - Cree, Inc CLMVC-FKA Datasheet HTML 8Page - Cree, Inc CLMVC-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 3 in 1 SMD RGB LED
CLMVC-FKA
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Red
Bin Code
Min.(mcd)
Max.(mcd)
L
56
71
3c3b
64
81
A
71
90
3a4
81
101
B
90
112
Blue
Bin Code
Min.(mcd)
Max.(mcd)
L7
28
36
3j3h
32
41
L8
36
45
3g3f
41
51
L9
45
56
3e3d
51
64
L
56
71
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(mcd)
Max.(mcd)
D
140
180
9a
160
202
E
180
224
bc
202
252
F
224
280
de
252
318
G
280
355
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
INTENSITY BIN LIMIT (I
F = 5 mA)
COLOR BIN LIMIT (I
F = 5 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com