Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVC-FKA Datasheet(PDF) 4 Page - Cree, Inc

Part # CLMVC-FKA
Description  PLCC4 3 in 1 RGB SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMVC-FKA Datasheet(HTML) 4 Page - Cree, Inc

  CLMVC-FKA Datasheet HTML 1Page - Cree, Inc CLMVC-FKA Datasheet HTML 2Page - Cree, Inc CLMVC-FKA Datasheet HTML 3Page - Cree, Inc CLMVC-FKA Datasheet HTML 4Page - Cree, Inc CLMVC-FKA Datasheet HTML 5Page - Cree, Inc CLMVC-FKA Datasheet HTML 6Page - Cree, Inc CLMVC-FKA Datasheet HTML 7Page - Cree, Inc CLMVC-FKA Datasheet HTML 8Page - Cree, Inc CLMVC-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 3 in 1 SMD RGB LED
CLMVC-FKA
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLMVC-FKA-CLBDGL7LBB79353
Red
56
112
RB
619
RB
624
Reel
Green
140
355
G7
520
G9
535
Reel
Blue
28
71
B3
460
B5
475
Reel
CLMVC-FKA-CL1D1L71BB7C3C3
Red
Any 1 Intensity bin from L(56) - B(112)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from D(140) - G(355)
Any 1 hue bin from G7(520) - G9(535)
Reel
Blue
Any 1 Intensity bin from L7(28) - L(71)
Any 1 hue bin from B3(460) - B5(475)
Reel
CLMVC-FKA-CA1E1L81BB7C3C3
Red
Any 1 Intensity bin from A(71) - B(112)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from E(180) - G(355)
Any 1 hue bin from G7(520) - G9(535)
Reel
Blue
Any 1 Intensity bin from L8(36) - L(71)
Any 1 hue bin from B3(460) - B5(475)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-
bin code will be orderable in certain quantities.
2. For example, any 1 intensity-bin from L - B means only 1 intensity-bin (L or 3c3b or A or 3a4 or B) will be shipped
by Cree.
3. For example, any 1 color-bin from G7 - G9 means only 1 color-bin (G7 or G23 or G8 or G45 or G9) will be shipped
by Cree.
4. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
5. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com