Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLYBA-FKA Datasheet(PDF) 2 Page - Cree, Inc

Part # CLYBA-FKA
Description  PLCC6 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLYBA-FKA Datasheet(HTML) 2 Page - Cree, Inc

  CLYBA-FKA Datasheet HTML 1Page - Cree, Inc CLYBA-FKA Datasheet HTML 2Page - Cree, Inc CLYBA-FKA Datasheet HTML 3Page - Cree, Inc CLYBA-FKA Datasheet HTML 4Page - Cree, Inc CLYBA-FKA Datasheet HTML 5Page - Cree, Inc CLYBA-FKA Datasheet HTML 6Page - Cree, Inc CLYBA-FKA Datasheet HTML 7Page - Cree, Inc CLYBA-FKA Datasheet HTML 8Page - Cree, Inc CLYBA-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC6 3 in 1 SMD LED
CLYBA-FKA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
R
G
B
Forward Current Note 1
I
F
50
35
20
mA
Peak Forward Current Note 2
I
FP
200
100
100
mA
Reverse Voltage
V
R
5
5
5
V
Power Dissipation
P
D
130
119
76
mW
Operation Temperature
T
opr
-40 ~ +85
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
110
110
°C
Junction/ambient
R
THJA
440
480
420
°C/W
Junction/solder point
R
THJS
180
230
200
°C/W
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
1000 V
Note: 1.Single-color light.
2.Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Condition
Symbol
Values
Unit
R
G
B
Dominant Wavelength
I
F = 15 mA(R)
I
F = 10 mA(G)
I
F = 10 mA(B)
λ
DOM
619~624
520~540
460~480
nm
Spectral bandwidth at 50% I
REL max
I
F = 15 mA(R)
I
F = 10 mA(G)
I
F = 10 mA(B)
Δ λ
24
38
28
nm
Forward Voltage
I
F = 15 mA(R)
I
F = 10 mA(G)
I
F = 10 mA(B)
V
F(avg)
2.1
2.7
3.0
V
V
F(max)
2.6
3.4
3.8
V
Luminous Intensity
I
F = 15 mA(R)
I
F = 10 mA(G)
I
F = 10 mA(B)
I
V(min)
224
355
45
mcd
I
V(avg)
320
530
85
mcd
Luminous Intensity(Reference)
I
F = 20 mA(R/G/B)
I
V(avg)
420
890
155
mcd
Reverse Current (max)
V
R = 5 V
I
R
10
10
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com