Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLYBA-FKA Datasheet(PDF) 3 Page - Cree, Inc

Part # CLYBA-FKA
Description  PLCC6 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLYBA-FKA Datasheet(HTML) 3 Page - Cree, Inc

  CLYBA-FKA Datasheet HTML 1Page - Cree, Inc CLYBA-FKA Datasheet HTML 2Page - Cree, Inc CLYBA-FKA Datasheet HTML 3Page - Cree, Inc CLYBA-FKA Datasheet HTML 4Page - Cree, Inc CLYBA-FKA Datasheet HTML 5Page - Cree, Inc CLYBA-FKA Datasheet HTML 6Page - Cree, Inc CLYBA-FKA Datasheet HTML 7Page - Cree, Inc CLYBA-FKA Datasheet HTML 8Page - Cree, Inc CLYBA-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC6 3 in 1 SMD LED
CLYBA-FKA
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
B67
472.5
477.5
B6
475
480
Red
Bin Code
Min.(mcd) Max.(mcd)
F
224
280
de
252
318
G
280
355
fg
318
403
H
355
450
Green
Bin Code
Min.(mcd) Max.(mcd)
H
355
450
hj
403
505
J
450
560
km
505
635
K
560
710
Blue
Bin Code
Min.(mcd) Max.(mcd)
L9
45
56
3e3d
51
64
L
56
71
3c3b
64
81
A
71
90
3a4
81
101
B
90
112
INTENSITY BIN LIMIT (RED I
F = 15 mA, GREEN IF = 10 mA, BLUE IF = 10 mA)
COLOR BIN LIMIT (RED I
F = 15 mA, GREEN IF = 10 mA, BLUE IF = 10 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com