Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2 Datasheet(PDF) 13 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 13 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 9Page - Cree, Inc LMH2 Datasheet HTML 10Page - Cree, Inc LMH2 Datasheet HTML 11Page - Cree, Inc LMH2 Datasheet HTML 12Page - Cree, Inc LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc LMH2 Datasheet HTML 15Page - Cree, Inc LMH2 Datasheet HTML 16Page - Cree, Inc LMH2 Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
13
LMH2 FaMiLy LED MoDuLEs
tyPiCaL voLtagE vs. CasE tEMPEraturE - ContinuED
LMH2+
Test Conditions: I
F=450 mA:1250&2000 lmWhiteLightdimming
I
F=600 mA:3000 lmWhiteLightdimming
Steady-state operation
Typical Voltage vs. Case Temperature
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
30
35
40
45
50
55
60
65
70
Tc: Case Temperature (ºC)
LMH2+ 1250 WhiteLight dimming
LMH2+ 3000 WhiteLight dimming
LMH2+ 2000 WhiteLight dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com