Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2 Datasheet(PDF) 6 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 6 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 2Page - Cree, Inc LMH2 Datasheet HTML 3Page - Cree, Inc LMH2 Datasheet HTML 4Page - Cree, Inc LMH2 Datasheet HTML 5Page - Cree, Inc LMH2 Datasheet HTML 6Page - Cree, Inc LMH2 Datasheet HTML 7Page - Cree, Inc LMH2 Datasheet HTML 8Page - Cree, Inc LMH2 Datasheet HTML 9Page - Cree, Inc LMH2 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
6
LMH2 FaMiLy LED MoDuLEs
LMH2 CHaraCtEristiCs - sunsEt DiMMing* (tc = 55 °C)
Characteristics
unit
Minimum
typical
Maximum
Viewingangle(FWHM)‑850‑&1250‑lmflatlens
degrees
82
Viewingangle(FWHM)‑850‑&1250‑lmdomelens
degrees
96
Viewingangle(FWHM)‑2000‑&3000‑lmflatlens
degrees
82
Viewingangle(FWHM)‑2000‑&3000‑lmdomelens
degrees
105
DCforwardcurrent‑850&1250 lm
mA
400
440
480
DCforwardcurrent‑2000&3000 lm
mA
810
940
1030
Forwardvoltage‑850 lm(@440 mA,55 °C)
v
20
25
Forwardvoltage‑1250 lm(@440 mA,55 °C)
v
27
32
Forwardvoltage‑2000 lm(@940 mA,55 °C)
v
20
26
Forwardvoltage‑3000 lm(@940 mA,55 °C)
v
28
33
Luminousflux‑850‑lmflatlens(@440 mA,55 °C)
lm
790
850
909
Luminousflux‑1250‑lmflatlens(@440 mA,55 °C)
lm
1163
1250
1337
Luminousflux‑2000‑lmflatlens(@940 mA,55 °C)
lm
1860
2000
2140
Luminousflux‑3000‑lmflatlens(@940 mA,55 °C)
lm
2790
3000
3210
LEDmodulecasetemperature(Tc)
°C
0
70
CRI - 90 CRI
100-point scale
90
92
Notes:
•
LMH2 modules are not designed for reverse bias operation.
•
Creemaintainsatoleranceof±7%onfluxmeasurements,±10%onpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
tolerance of ±2 on CRI measurements.
•
55 °Cmeasuredatcasetemperature(Tc)pointshownonpage20.
•
LuminousfluxvaluesforthedomelensLMH2LEDmodulecanbeupto3%higher.
*
Sunsetdimmingprovideswarm,richlightfrom2700 Kto1800 K.
LMH2 orDEr CoDEs - sunsEt DiMMing
typical Luminous Flux
(lm)
typical Light
source Efficacy
(lm/W)
CCt
(K)
order Code
Flat Lens
Dome Lens
850
97
2700
LMH020‑0850‑27G9‑00000SS
LMH020‑0850‑27G9‑00001SS
1250
97
2700
LMH020‑1250‑27G9‑00000SS
LMH020‑1250‑27G9‑00001SS
2000
89
2700
LMH020-2000-27G9-00000SS
LMH020-2000-27G9-00001SS
3000
93
2700
LMH020‑3000‑27G9‑00000SS
LMH020‑3000‑27G9‑00001SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com