Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5233-3GDPR5 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5233-3GDPR5
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3GDPR5 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5233-3GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 8Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS5233−3
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Output Voltage vs. Junction
Temperature, Output Voltage when Powered
by VIN or VSB
Junction Temperature (
°C)
3.310
3.305
3.300
3.295
120
0
3.290
100
80
60
40
20
IOUT (A)
3.5
0
0.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 4. Output Voltage vs. Load Current, VSB
Values Taken with VIN = 0 V
Load Current (A)
3.5
0
0.25
3.0
2.5
2.0
1.5
0.50
0.75
1.00
1.25
1.50
VSB = 5.0 V
VIN = 5.0 V
Figure 5. Ground Pin Current vs. Output
Current, VSB Data with VIN = 0 V
VIN = 5.0 V
VSB = 5.0 V
Junction Temperature (
°C)
460
0
20
440
420
40
60
80
100
120
Figure 6. Reverse Current vs. Junction
Temperature
Figure 7. Transient Load Response, Transient
Response for 1.5 A Step Load, VIN = 5.0 V,
COUT = 33 mF @ 0.4 W ESR
5.0
4.0
Figure 8. AuxDrv Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com