Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5233-3GDPR5 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5233-3GDPR5
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3GDPR5 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5233-3GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 8Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 9Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 10Page - ON Semiconductor CS5233-3GDPR5 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CS5233−3
http://onsemi.com
7
APPLICATIONS INFORMATION
INPUT AND OUTPUT VOLTAGE MATRIX
Input
Outputs
VIN
VSB
3.3 VAUX
AuxDrv/5.0 V Detect
VOUT , D2PAK−5
VOUT , SOIC−8
0 V
0 V
0 V
On (low)
0 V
0 V
0 V
0 V
3.3 V
On (low)
3.3 VAUX
3.3 VAUX
0 V
5.0 V
0 V
Off (high)
3.3 VREG @ 500 mA
3.3 VREG @ 500 mA
0 V
5.0 V
3.3 V
Off (high)
3.3 VREG @ 500 mA
3.3 VREG @ 500 mA
5.0 V
0 V
0 V
Off (high)
3.3 VREG @ 1.5 A
3.3 VREG @ 500 mA
5.0 V
0 V
3.3 V
Off (high)
3.3 VREG @ 1.5 A
3.3 VREG @ 500 mA
5.0 V
5.0 V
0 V
Off (high)
3.3 VREG @ 1.5 A
3.3 VREG @ 500 mA
5.0 V
5.0 V
3.3 V
Off (high)
3.3 VREG @ 1.5 A
3.3 VREG @ 500 mA
THEORY OF OPERATION
Linear Regulator
The CS5233−3 is a dual input fixed 3.3 V linear regulator
that contains an auxiliary drive control feature. When VIN
alone is present, or VIN and VSB are simultaneously present,
the CS5233−3 uses the VIN supply to generate the 3.3 V
output at currents of up to 1.5 A. When VSB alone is present,
the CS5233−3 uses the VSB supply to generate the 3.3 V
output at currents of up to 500 mA. The linear regulator is
composed of a composite PNP−NPN pass transistor to
provide low−voltage dropout capability. An output capacitor
greater than 10
mF with equivalent series resistance (ESR)
less than 1.0
W is required for compensation. More
information is provided in the Stability Considerations
section.
Auxiliary Drive Feature
The CS5233−3 provides an auxiliary drive feature that
allows a load to remain powered even if both supplies to the
IC are absent. An external p−channel FET is the only
additional component required to implement this function
when the auxiliary power supply is available. The PFET gate
is connected to the IC’s AuxDrv output, the PFET drain is
connected to the auxiliary power supply, and the PFET
source is connected to the load. The polarity of this
connection is very important, since the PFET body diode
will be connected between the load and the auxiliary supply.
If the PFET is connected with its drain to the load and its
source
to
the
supply,
the
body
diode
could
be
forward−biased if the auxiliary supply is not present. This
would result in the linear regulator providing current to
everything on the auxiliary supply rail.
The AuxDrv (5.0 V detect) output is pulled up to the input
voltage through an internal resistor when VIN or VSB are
available. If VIN and VSB are not available or both drop
below 4.4 V, the AuxDrv output goes low, turning on an
external PFET that connects the 3.3 V auxiliary supply to the
load. The AuxDrv is low only when neither VIN nor VSB are
available.
There is 100 mV of hysteresis (typical) in the circuitry that
determines if VIN or VSB are present.
STABILITY CONSIDERATIONS
The output capacitor helps determine three main
characteristics of a linear regulator: loop stability, load
transient response, and start−up delay. The CS5233−3 is
designed to be stable with an output capacitor that has a
minimum value of 10
mF and an equivalent series resistance
less than 1.0
W. To guarantee loop stability, the output
capacitor should be located close to the regulator output and
ground pins. The load transient response, during the time it
takes the regulator to respond, is also determined by the
output capacitor. For large changes in load current, the ESR
of the output capacitor causes an immediate drop in output
voltage given by:
DV + DI
ESR
There is then an additional drop in output voltage given
by:
DV + DI
T C
where T is the time for the regulation loop to begin to
respond, (typically 4.0
ms for the CS5233−3). If tight output
regulation is required with fast changing loads, a capacitor
network of tantalum and low ESR ceramic capacitors can be
added as close to the load as possible, with enough
capacitance and a reduced ESR to minimize the voltage
change, as determined by the formulas above.
Input Capacitors and the Vin Thresholds
A capacitor placed on the VIN pin will help to improve
transient response. During a load transient, the input
capacitor serves as a charge “reservoir,” providing the
needed extra current until the external power supply can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com