Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3153N Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS3153N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3153N Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS3153N Datasheet HTML 33Page - Dallas Semiconductor DS3153N Datasheet HTML 34Page - Dallas Semiconductor DS3153N Datasheet HTML 35Page - Dallas Semiconductor DS3153N Datasheet HTML 36Page - Dallas Semiconductor DS3153N Datasheet HTML 37Page - Dallas Semiconductor DS3153N Datasheet HTML 38Page - Dallas Semiconductor DS3153N Datasheet HTML 39Page - Dallas Semiconductor DS3153N Datasheet HTML 40Page - Dallas Semiconductor DS3153N Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
37 of 60
13.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Lead with Respect to VSS (except VDD)
-0.3V to +5.5V
Supply Voltage Range (VDD) with Respect to VSS
-0.3V to +3.63V
Ambient Operating Temperature Range
-40°C to +85°C
Junction Operating Temperature Range
-40°C to +125°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device. Ambient operating temperature range
when device is mounted on a four-layer JEDEC test board with no airflow.
Note: The typical values listed in Tables 13-A through 13-I are not production tested.
Table 13-A. Recommended DC Operating Conditions
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Supply Voltage
VDD
3.135
3.3
3.465
V
Table 13-B. DC Characteristics
(VDD = 3.3V
±5%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS3151
100
DS3152
200
DS3153
300
Supply Current (Note 1)
IDD
DS3154
400
mA
DS3151
80
DS3152
150
DS3153
225
Supply Current, Transmitters Tri-Stated
(All
TTSn Low) (Note 2)
IDDTTS
DS3154
300
mA
Power-Down Current (All TPD, RPD
Control Bits High)
IDDPD
DS315x (Note 2)
55
70
mA
Lead Capacitance
CIO
7
pF
Input Leakage
IIL
(Note 3)
-50
+10
mA
Output Leakage (when High-Z)
ILO
(Note 3)
-10
+10
mA
Output Voltage (IO = -4.0mA)
VOH
2.4
VDD
V
Output Voltage (IO = +4.0mA)
VOL
0
0.4
V
Note 1: TCLKn = STMCLK = 51.84MHz; TXPn/TXNn driving all ones into 75
W resistive loads; analog loopback enabled; all other inputs at VDD
or grounded; all other outputs open.
Note 2: TCLKn = STMCLK = 51.84MHz; other inputs at VDD or grounded; digital outputs left open circuited.
Note 3: 0V < VIN < VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com