Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3153N Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS3153N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3153N Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS3153N Datasheet HTML 36Page - Dallas Semiconductor DS3153N Datasheet HTML 37Page - Dallas Semiconductor DS3153N Datasheet HTML 38Page - Dallas Semiconductor DS3153N Datasheet HTML 39Page - Dallas Semiconductor DS3153N Datasheet HTML 40Page - Dallas Semiconductor DS3153N Datasheet HTML 41Page - Dallas Semiconductor DS3153N Datasheet HTML 42Page - Dallas Semiconductor DS3153N Datasheet HTML 43Page - Dallas Semiconductor DS3153N Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
40 of 60
Table 13-F. Transmitter Output Characteristics—DS3 and STS-1 Modes
(VDD = 3.3V
±5%, TA = -40°C to +85°C.)
PARAMETER
MIN
TYP
MAX
UNITS
DS3 Output Pulse Amplitude, TLBO = 0 (Note 17)
700
800
900
mVpk
DS3 Output Pulse Amplitude, TLBO = 1 (Note 17)
520
700
800
mVpk
STS-1 Output Pulse Amplitude, TLBO = 0 (Note 17)
700
800
1100
mVpk
STS-1 Output Pulse Amplitude, TLBO = 1 (Note 17)
520
700
850
mVpk
Ratio of Positive and Negative Pulse-Peak Amplitudes
0.9
1.1
DS3 Unframed All-Ones Power Level at 22.368MHz, 3kHz Bandwidth
-1.8
+5.7
dBm
DS3 Unframed All-Ones Power Level at 44.736MHz vs. Power Level at
22.368MHz, 3kHz Bandwidth
-20
dB
Intrinsic Jitter Generation (Note 18)
0.02
0.05
UIP-P
Table 13-G. Transmitter Output Characteristics—E3 Mode
(VDD = 3.3V
±5%, TA = -40°C to +85°C.)
PARAMETER
MIN
TYP
MAX
UNITS
Output Pulse Amplitude (Note 17)
900
1000
1100
mVpk
Pulse Width
14.55
ns
Ratio of Positive and Negative Pulse Amplitudes (at Centers of Pulses)
0.95
1.05
Ratio of Positive and Negative Pulse Widths (at Nominal Half Amplitude)
0.95
1.05
Intrinsic Jitter Generation (Note 18)
0.02
0.05
UIP-P
Note 17: Measured on the line side (i.e., the BNC connector side) of the 2:1 transmit transformer (Figure 1-1).
Note 18: Measured with jitter-free clock applied to TCLK and a bandpass jitter filter with 10Hz and 800kHz cutoff frequencies. Not tested during
production test.
Table 13-H. CPU Bus Timing
(VDD = 3.3V ±5%, TA = -40°C to +85°C.) (Figure 13-3 and Figure 13-4)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Setup Time for A[5:0] Valid to
CS Active (Notes 19, 20)
t1
0
ns
Setup Time for
CS Active to RD, WR, or DS Active
t2
0
ns
Delay Time from
RD or DS Active to D[7:0] Valid
t3
65
ns
Hold Time from
RD or WR or DS Inactive to CS Inactive
t4
0
ns
Delay from
CS or RD or DS Inactive to D[7:0] Invalid or Tri-State
(Note 21)
t5
2
20
ns
Wait Time from
WR or DS Active to Latch D[7:0]
t6
65
ns
D[7:0] Setup Time to
WR or DS Inactive
t7
10
ns
D[7:0] Hold Time from
WR or DS Inactive
t8
2
ns
A[5:0] Hold Time from
WR or RD or DS Inactive
t9
5
ns
RD, WR, or DS Inactive Time
t10
75
ns
Muxed Address Valid to ALE Falling (Note 22)
t11
10
ns
Muxed Address Hold Time (Note 22)
t12
10
ns
ALE Pulse Width (Note 22)
t13
30
ns
Setup Time for ALE High or Muxed Address Valid to
CS Active
(Note 22)
t14
0
ns
Note 19: D[7:0] loaded with 50pF when tested as outputs.
Note 20: If a gapped clock is applied on TCLK and diagnostic loopback is enabled, read cycle time must be extended by the length of the
largest TCLK gap.
Note 21: Not tested during production test.
Note 22: In nonmultiplexed bus applications (Figure 13-3), ALE should be wired high. In multiplexed bus applications (Figure 13-4), A[5:0]
should be wired to D[5:0] and the falling edge of ALE latches the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com