Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLPL90
Description  Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLPL90_3 Datasheet HTML 1Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 2Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 3Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 4Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 5Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Version 1.5
SPL PL90_3
2015-11-20
3
Opt. Peak Power and Forward Voltage vs.
Forward Current 3) page 5
Popt, VF = f(IF), TA = 25 °C
Relative Spectral Emission 3) page 5
(typ) Irel = f(λ), TA = 25 °C, Popt = 75 W
Far-Field Distribution Parallel to pn-Junction
3) page 5
Irel = f(ΘII), TA = 25 °C, Popt = 75 W
Far-Field Distribution Perpendicular to
pn-Junction 3) page 5
Irel = f(Θ ), TA = 25 °C, Popt = 75 W
0
0
VF
IF
OHF00564
10
20
30
40
50
2
4
6
8
10
12
0
20
40
60
80
100
120
Popt
V
W
A
880
0
λ
OHF00565
0.25
0.50
0.75
1.00
Ι
rel
nm
890
900
910
930
Deg
-30
θ
0.25
0
0.50
0.75
I
rel
1.00
OHF03755
-20
-10
0
10
30
OHL00756
0
-40
0.25
0.50
0.75
1.00
Deg
I
rel
θ
-30 -20 -10
0
10 20
40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com