Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLPL90
Description  Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLPL90_3 Datasheet HTML 1Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 2Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 3Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 4Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 5Page - OSRAM GmbH SPLPL90_3 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2015-11-20
1
2015-11-20
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
Version 1.5
SPL PL90_3
Ordering Information
Features:
Optical peak power up to 75 W
Laser wavelength 905 nm
Suited for short laser pulses from 1 to 100 ns
Nanostack laser technology including 3 epitaxially stacked emitters
Laser aperture 200 µm x 10 µm
Cost effective plastic package for high volume applications
Applications
Hand-held Laser Range Finders (LRF) for golfers, hunters, civil engineers
Traffic surveillance (Laser speed gun, traffic recording, vehicle classification, distance measurement, fog
detection)
Professional laser sensors for distance measuring, positioning, protection
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 "Safety of laser products".
Type:
Number of
emitters
Peak wavelength
Peak output
power
Ordering Code
λpeak [nm]
Popt [W]
SPL PL90_3
3
905
75
Q62702P5353


Similar Part No. - SPLPL90_3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
More results

Similar Description - SPLPL90_3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
Nanostack Pulsed Laser Diode Array 75 W Peak Power
SPLDS90 OSRAM-SPLDS90_3 Datasheet
182Kb / 5P
Nanostack Pulsed Laser Diode
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
logo
ams AG
SPLDS90A AMSCO-SPLDS90A_3 Datasheet
592Kb / 12P
Chip Nanostack Pulsed Laser Diode
Version 1.4 2021-06-30
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com