Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV331MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSAV331MTC
Description  Dual 4:1 Wide Bandwidth Video Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV331MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSAV331MTC Datasheet HTML 1Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 2Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
FIGURE 3. OFF Isolation Test
FIGURE 4. Crosstalk Test
FIGURE 5. Bandwidth Test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com