Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV331MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSAV331MTC
Description  Dual 4:1 Wide Bandwidth Video Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV331MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSAV331MTC Datasheet HTML 1Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 2Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500802
www.fairchildsemi.com
April 2004
Revised May 2004
FSAV331
Dual 4:1 Wide Bandwidth Video Switch
General Description
The Fairchild video switch FSAV331 is a dual 4:1 high
speed video switch which can be configured as either mul-
tiplexer or demultiplexer. Low On Resistance allows inputs
to be connected to outputs without adding propagation
delay or generating additional ground bounce noise.
When the OE Pin is LOW, S0 and S1 connect the A Port to
the selected B Port output. When the OE Pin is HIGH, the
switch is OPEN and a HIGH-Impedance state exists
between the two ports.
Features
s Wide bandwidth: 300 MHz
s
−73 dB non adjacent channel crosstalk at 10MHz
s
−56 dB Off Isolation at 10MHz
s 3
Ω typical On Resistance (R
ON)
s Low power consumption (3uA maximum)
s Control input: TTL compatible
Applications
• Y/C video or CVBS video switch in LCD, plasma, and
projector displays
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FSAV331QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSAV331MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enables
S0, S1
Select Inputs
ABus A
B1, B2, B3, B4
Bus B
S1
S0
OE1
OE2
Function
X
X
H
X
Disconnect 1A
X
X
X
H
Disconnect 2A
L
LLL
A
= B
1
LH
L
L
A
= B
2
H
LLL
A
= B
3
HH
L
L
A
= B
4


Similar Part No. - FSAV331MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
163Kb / 7P
Dual Channel 4:1 Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
Dual-Channel, 4:1 Video Switch
logo
ON Semiconductor
FSAV331MTCX ONSEMI-FSAV331MTCX Datasheet
644Kb / 9P
Dual-Channel, 4:1 Video Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSAV331MTCX FAIRCHILD-FSAV331MTCX_10 Datasheet
609Kb / 7P
Dual-Channel, 4:1 Video Switch
More results

Similar Description - FSAV331MTC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
Wide Bandwidth Video Switch
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
Dual Channel 4:1 Video Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Texas Instruments
TL52055 TI-TL52055_07 Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_10 Datasheet
609Kb / 7P
Dual-Channel, 4:1 Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
Dual-Channel, 4:1 Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
ON Semiconductor
FSAV331 ONSEMI-FSAV331 Datasheet
644Kb / 9P
Dual-Channel, 4:1 Video Switch
October 2010 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com