Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLT
Description  High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLT Datasheet(HTML) 2 Page - Texas Instruments

  TMP112BIDRLT Datasheet HTML 1Page - Texas Instruments TMP112BIDRLT Datasheet HTML 2Page - Texas Instruments TMP112BIDRLT Datasheet HTML 3Page - Texas Instruments TMP112BIDRLT Datasheet HTML 4Page - Texas Instruments TMP112BIDRLT Datasheet HTML 5Page - Texas Instruments TMP112BIDRLT Datasheet HTML 6Page - Texas Instruments TMP112BIDRLT Datasheet HTML 7Page - Texas Instruments TMP112BIDRLT Datasheet HTML 8Page - Texas Instruments TMP112BIDRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TMP112
SBOS473F – MARCH 2009 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TMP112
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagrams ....................................... 9
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 17
7.5
Programming .......................................................... 18
8
Application and Implementation ........................ 22
8.1
Application Information............................................ 22
8.2
Typical Application ................................................. 22
9
Power Supply Recommendations ...................... 23
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Layout Example .................................................... 24
11
Device and Documentation Support ................. 25
11.1
Documentation Support ....................................... 25
11.2
Community Resources.......................................... 25
11.3
Trademarks ........................................................... 25
11.4
Electrostatic Discharge Caution ............................ 25
11.5
Glossary ................................................................ 25
12
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (December 2015) to Revision F
Page
•
Added TMP112N and TMP112B orderables to the data sheet.............................................................................................. 1
•
Removed duplicate specified and operating temperature ranges from the Electrical Characteristics table .......................... 5
•
Removed Calibrating for Improved Accuracy and Using the Slope Specifications With a 1-Point Calibration sections...... 22
Changes from Revision D (April 2015) to Revision E
Page
•
Added TI Design .................................................................................................................................................................... 1
•
Added NIST Features bullet .................................................................................................................................................. 1
•
Added last paragraph to Description section ......................................................................................................................... 1
Changes from Revision C (October 2014) to Revision D
Page
•
Changed MIN, TYP, and MAX values for the Temperature Accuracy (temperature error) parameter .................................. 5
•
Changed the frequency from 2.85 to 3.4 MHz in the POWER SUPPLY section of the Electrical Characteristics table ...... 5
•
Changed the Temperature Error at 25°C graph in the Typical Characteristics section ......................................................... 7
•
Changed the Temperature Error vs Temperature graph in the Typical Characteristics section ............................................ 7
Changes from Revision B (June 2009) to Revision C
Page
•
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 4
•
Changed parameters in Timing Requirements ...................................................................................................................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com