Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLT
Description  High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP112BIDRLT Datasheet HTML 9Page - Texas Instruments TMP112BIDRLT Datasheet HTML 10Page - Texas Instruments TMP112BIDRLT Datasheet HTML 11Page - Texas Instruments TMP112BIDRLT Datasheet HTML 12Page - Texas Instruments TMP112BIDRLT Datasheet HTML 13Page - Texas Instruments TMP112BIDRLT Datasheet HTML 14Page - Texas Instruments TMP112BIDRLT Datasheet HTML 15Page - Texas Instruments TMP112BIDRLT Datasheet HTML 16Page - Texas Instruments TMP112BIDRLT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
TMP112
www.ti.com
SBOS473F – MARCH 2009 – REVISED FEBRUARY 2018
Product Folder Links: TMP112
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
7.3.2.4 Slave Mode Operations
The TMP112 family can operate as a slave receiver or slave transmitter. As a slave device, the TMP112 family
never drives the SCL line.
7.3.2.4.1
Slave Receiver Mode
The first byte transmitted by the master is the slave address with the R/W bit low. The TMP112 family then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP112 family then acknowledges reception of the pointer register byte. The next byte or bytes are written to the
register addressed by the pointer register. The TMP112 family acknowledges reception of each data byte. The
master can terminate data transfer by generating a START or STOP condition.
7.3.2.4.2
Slave Transmitter Mode
The first byte transmitted by the master is the slave address with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte of
the register indicated by the pointer register. The master acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte. The
master can terminate data transfer by generating a not-acknowledge on reception of any data byte or by
generating a START or STOP condition.
7.3.2.5 SMBus Alert Function
The TMP112 family supports the SMBus alert function. When the TMP112 family operates in interrupt mode (TM
= 1), the ALERT pin can be connected as an SMBus alert signal. When a master senses that an alert condition
is present on the alert line, the master sends an SMBus ALERT command (0001 1001) to the bus. If the ALERT
pin is active, the device acknowledges the SMBus ALERT command and responds by returning the slave
address on the SDA line. The eighth bit (LSB) of the slave address byte indicates if the alert condition is caused
by the temperature exceeding T(HIGH) or falling below T(LOW). The LSB is high if the temperature is greater than
T(HIGH), or low if the temperature is less than T(LOW). Refer to the Figure 13 section for details of this sequence.
If multiple devices on the bus respond to the SMBus ALERT command, arbitration during the slave address
portion of the SMBus ALERT command determines which device clears the alert status of that device. The
device with the lowest two-wire address wins the arbitration. If the TMP112 family wins the arbitration, the
TMP112 family ALERT pin becomes inactive at the completion of the SMBus ALERT command. If the TMP112
family loses the arbitration, the TMP112 family ALERT pin remains active.
7.3.2.6 General Call
The TMP112 family responds to a two-wire general-call address (0000 000) if the eighth bit is 0. The device
acknowledges the general-call address and responds to commands in the second byte. If the second byte is
0000 0110, the TMP112 family internal registers are reset to power-up values. The TMP112 family does not
support the general-address acquire command.
7.3.2.7 High-Speed (Hs) Mode
For the two-wire bus to operate at frequencies above 400 kHz, the master device must issue an Hs-mode master
code (0000 1xxx) as the first byte after a START condition to switch the bus to high-speed operation. The
TMP112 family does not acknowledge this byte, but switches the input filters on the SDA and SCL pins and the
output filters on the SDA pin to operate in Hs-mode, thus allowing transfers at up to 2.85 MHz. After the Hs-
mode master code has been issued, the master transmits a two-wire slave address to initiate a data-transfer
operation. The bus continues to operate in Hs-mode until a STOP condition occurs on the bus. Upon receiving
the STOP condition, the TMP112 family switches the input and output filters back to fast-mode operation.
7.3.2.8 Timeout Function
The TMP112 family resets the serial interface if the SCL pin is held low for 30 ms (typical) between a start and
stop condition. The TMP112 family releases the SDA line if the SCL pin is pulled low and waits for a start
condition from the host controller. To avoid activating the timeout function, maintain a communication speed of at
least 1 kHz for SCL operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com