Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIT-W101 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # MIT-W101
Description  10" Industrial Tablet PC with Intel Celeron Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIT-W101 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  MIT-W101 Datasheet HTML 1Page - Advantech Co., Ltd. MIT-W101 Datasheet HTML 2Page - Advantech Co., Ltd. MIT-W101 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tablet Accesorries
Docking Station
Expansion Module
Extended Battery Pack
Rugged Bumper
Order P/N
MIT-W101-ACCDS000E
MIT-W101-ACCEM000E
1760002237-01
MIT-W101-ACCBH000E
Color
Black
Black
Black
Black
Dimensions
260.8 x 185 x 103.8 mm
193 x 17 x 5.3 mm
210 x 64 x 15 mm
220 x 47 x 30 mm (1 pc)
Weight
1 Kg (2.2 lb)
85 g (0.19 lb)
320 g (0.7 lb)
172 g (0.38 lb)
Remark
Power input: 19V/ 3.4A
MSR & Smart Card Reader
11.1V/ 4540 mAh
Rugged bumper set with hand strap
Multi-function Cover
X-Type Hand Strap
Shoulder Strap
Stylus Pen w/Tether Cord
Order P/N
MIT-W101-ACCVB000E
9680015881
9680015882
9680015747
Color
Silver + Black
Black
Black
Black
Dimensions
276.6 x 175.5 x 9 mm
280 x 165 mm
147 cm ± 5 cm
120 x 7 mm ± 5mm
Weight
210 g (0.46 lb)
70 g (0.15 lb)
110 g (0.24 lb)
25 g (0.05 lb)
Remark
VESA mount (75 x 75 mm)
M4 x 8 mm screws included
M4 x 8 mm screws included
Tether with rugged bumper
MIT-W101
MIT-W101 Series Accessories (Industrial)
I/O Ports
Docking Station
Front
Rear
For sales inquiries or further information, please contact us: Mobile@advantech.com.tw
1. Battery Bay Status LED
2. Detection LED
3. Earphone Jack
4. Microphone Jack
5. USB 2.0 Port
6. Lock Mechanism
7. Battery Charging Bay
8. COM Port
9. VGA Port
10. USB 2.0 Port
11. LAN Port
12. Power Jack
1 2
7
3
12 11 10
9
8
4
6
5
All product specifications are subject to change without notice.
Last updated : 7-Apr-2016



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com