Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIT-W101 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIT-W101
Description  10" Industrial Tablet PC with Intel Celeron Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIT-W101 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIT-W101 Datasheet HTML 1Page - Advantech Co., Ltd. MIT-W101 Datasheet HTML 2Page - Advantech Co., Ltd. MIT-W101 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Industrial Tablet PC
Features
MIT-W101
10" Industrial Tablet PC with
Intel® Celeron® Processor
ƒ Intel® Celeron® N2930 Quad Core processor
ƒ Supports Windows 8 Operating System
ƒ 10.1" WXGA, Projective Capacitive Multi Touch Display
ƒ -10°C to 50°C (14°F to 122°F), IP65, MIL-STD 810G / 4ft drop compliant
ƒ Compact/Slim design: 20mm/0.79inch height
ƒ Seamless communications, including Wi-Fi, BT, NFC (optional)
ƒ Warm swappable battery
ƒ Optional integrated 1D/2D barcode scanner and expansion module
(MSR+SMC)
ƒ Optional Class I Division 2, groups ABCD certified model
ƒ Optional accessories include: 6ft drop rugged bumper, docking station, hand
strap, and multi-function cover
Specifications
Computing System
CPU
Intel® Celeron® Processor N2930
Max. Speed
Quad Core 1.83GHz
Memory
DDR3L 1600MHz SODIMM (Default 4GB / Up to 8GB)
Operating System
Microsoft Windows Embedded 8 (Default), Microsoft Windows Embedded 7 (Optional)
Storage
SSD
1 x mSATA SSD (Default 64GB / supports up to 128GB)
Display
Display Type
10.1" TFT LCD Panel
Max. Resolution
1280 x 800
Touch Type
Projected Capacitive Multi-Touch
Glass Type
Enhanced Glass
Communication
WIFI
Wireless IEEE 802.11a/b/g/n
Bluetooth
Bluetooth v4.0 CLASS II
NFC
Read/Write Device Compatible With ISO15693, ISO14443A, ISO14443B, Felica (Optional)
Audio
Internal speaker x 1, Internal Mono Microphone x 1
Connectivity
I/O Port Interfaces
Combo Audio x1, USB 3.0 x1, USB 2.0 x1, Micro HDMI x1, DC Jack x1, Expansion Port x1, Docking Port x1
Embedded I/O Devices
2.0M Fixed Focus Camera At Front
5.0M Auto Focus Camera With LED Flash At Rear
2D Barcode Scanner (Optional)
Expansion Module
MSR + Smart Card Reader (Optional)
Control Buttons
Power Button
Programmable Button x2
System Indicators
Power / Battery Status x1, HDD x1, Wireless /BT x1
Ingress Protection
Water / Dust Resistance
IP-65 compliant (IEC 60529)
Power Supply
AC Adapter In
100 – 240 V ~ 1.5A 50/60 Hz
AC Adapter Out
19 V, 3.4 A Max, 65 W
Battery Capacity
Main Battery: 31.7 Whrs (11.1V 2860mAh)
Extended Battery: 49 Whrs (11.1V 4540mAh) (Optional)
(UN 38.3, UL 2054, IEC / EN 62133 edition 2 certified)
Environment
Temperature
Operating: -10°C ~ +50°C, 14°F to 122°F
Storage: -30°C ~ +70°C, -22°F to 158°F
(refer to IEC 60068-2-1 / IEC 60068-2-2 / IEC 60068-2-78)
Humidity
Operating: 5% ~ 95% @ 40°C/104°F non-condensing,
Storage: 5% ~ 95% @40°C/104°F non-condensing
(refer to IEC 60068-2-1 / IEC 60068-2-2 / IEC 60068-2-78)
Vibration
Operation: (5-500GHz) 1G (refer to IEC 60068-2-64)
Non-operating: (5-500GHz) 4.4mm – 2G (refer to : IEC60068-2-6)
Shock Resistance
Operating: 20 G, 11 ms (refer to : IEC 60068-2-27)
Shipping Package : 1 ~ 200 Hz, 1.15G (refer to ISTA 2A)
Handling Drop
4ft drop onto steel plate, 4ft drop onto 2inch plywood over concrete (MIL-STD 810G compliant)
6ft drop with add-on bumper
Physical Characteristics
Dimensions (W x H x D)
292 x 196 x 20 mm/ 11.5 x 7.7 x 0.79 in
Weight
1.1 kg/ 2.4 lb (Base Configuration)
Color
Black
Regulatory Approvals
Emissions & Immunity : EN 55011:2009+A1:2010,Group 1 Class B, EN 55022:2010/AC:2011, Class B, EN 61000-6-
3:2007+A1:2011/AC:2012, EN 61000-3-2:2014,Class D, EN 61000-3-3:2013, EN 55024:2010, EN 61000-6-1:2007,
FCC CFR47 PART15 SUBPART B, ICES-003 Issue 5 : 2012 ANSI C63.4-2009, ETSI EN 301489-1 V1.92 2011-09, ETSI
EN 301489-17 V2.2.1 2012-09, ETSI EN 300328 V1.8.1:2012, ETSI EN 301893 V1.7.1:2012, FCC PART 15 SUBPART C
ANSI C63.10:2013, FCC PART 15 SUBPART E ANSI C63.10:2013
Safety : CB Scheme, IEC / EN 60950-1, UL 60950-1, 2nd Edition,
ANSI / ISA 12.12.01-2015– Optional Class I Division 2, groups ABCD certified model
CL
ASSIFIED
U
® L
C
US
E214164
UL2601-1
All product specifications are subject to change without notice.
Last updated : 7-Apr-2016


Similar Part No. - MIT-W101

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIT-W101-ACCBH000E ADVANTECH-MIT-W101-ACCBH000E Datasheet
1Mb / 7P
10" Medical-Grade Tablet with Intel® Pentium® Processor and PCAP Touchscreen
24-May-2022
MIT-W101-ACCVB001E ADVANTECH-MIT-W101-ACCVB001E Datasheet
1Mb / 7P
10" Medical-Grade Tablet with Intel® Pentium® Processor and PCAP Touchscreen
24-May-2022
MIT-W101 ADVANTECH-MIT-W101_15 Datasheet
546Kb / 2P
10" Intelligent Tablet PC with Intel Celeron Processor
More results

Similar Description - MIT-W101

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIT-M101 ADVANTECH-MIT-M101_15 Datasheet
530Kb / 2P
10" Intelligent Tablet PC with Intel Celeron Processor
MIT-W101 ADVANTECH-MIT-W101_15 Datasheet
546Kb / 2P
10" Intelligent Tablet PC with Intel Celeron Processor
PWS-870 ADVANTECH-PWS-870 Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
PWS-870 ADVANTECH-PWS-870_V01 Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
OFT-21W04 BCM-OFT-21W04 Datasheet
327Kb / 2P
21.5” Open Frame Tablet with Intel® Celeron J3455 Processor Onboard
2022/06/15
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-65 ADVANTECH-AIM-65_V01 Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
PWS-872 ADVANTECH-PWS-872 Datasheet
2Mb / 8P
10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
17-Oct-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com