Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-542P-R01E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-542P-R01E
Description  42.5' Ubiquitous Touch Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-542P-R01E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-542P-R01E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-542P-R01E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Mirror
Pcap/ Mirror Pcap
Unit: mm
Ordering Information
Part No.
Description
UTC-542DM-ATB0E
42.5", Intel Baytrail J1900, Mirror Glass, 4GB RAM
UTC-542FM-ATB0E
42.5", Intel Skylake Corei5-6300U, Mirror Glass, 4GB RAM
UTC-542DP-ATB0E
42.5", Intel Baytrail J1900, Pcap Touch, 4GB RAM
UTC-542FP-ATB0E
42.5", Intel Skylake Corei5-6300U, Pcap Touch, 4GB RAM
1702002605
Power cord 2P FRANCE 10A/16A 220V 1.83M 90D
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M 180D
1700000596
Power Cord (China) CCC,10A 250V, 3P 1830mm
1700018704
Power Cord UK BSI 2P 10A 250V 180cm 18AWG
UTC-542D
UTC-542F
A. Power Switch
B. Antenna Port
C. COM x 2
D. Mic-in/ Line-out
E. LAN x 2
F. VGA
G. HDMI
H. USB 3.0 x 1, USB 2.0 x 3 (Baytrail)
USB 3.0 x 2, USB 2.0 x 2 (Skylake)
I. AC Power
J. Antenna Port
Fully- Integrated I/O
Easy Swappable HDD/SDD Slot
Peripherals for UTC-542 series
Part No.
Description
UTC-542P-R01E
RFID Reader For UTC-542 (USB connection)
UTC-542P-B01E
1D Barcode Scanner for UTC-542 (USB connection)
UTC-542P-B02E
2D Barcode Scanner for UTC-542 (USB connection)
UTC-542P-M01E
Magnet Strip Reader For UTC-542 (USB connection)
Installation Accessory
Part No.
Description
UTC-WALL-MOUNT2E
VESA Mount 200 x 200 mm
A
J
B
C
D
G H
I
E
F
990.58
34.30
60.20
898.22
495.29
46.19
100
100
4-R10
898.22
59.33
1016.86
29
60.50
100 100
508.43
Vertical use, Panel side up, HDD tray on the left side



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com