Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-542P-R01E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-542P-R01E
Description  42.5' Ubiquitous Touch Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-542P-R01E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-542P-R01E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-542P-R01E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Interactive Self-service Terminals
Features
UTC-542
42.5" Ubiquitous Touch Computer
UTC-542D with Intel® Baytrail J1900*
UTC-542F with Intel® Skylake i5 6300U
ƒ Low Power, High Performance, Aluminum Fanless Design
ƒ Built-in Intel® Baytrail J1900 (UTC-542D)
ƒ Built-in Intel® Skylake i5 6300U (UTC-542F)
ƒ Provide natural viewing experience with 42.5" 16:9 display
ƒ Front panel complies with IP65 protection standard
ƒ Landscape & Portrait screen mode support by different applications
ƒ Attachable integrated peripherals to extend functions and applications
ƒ Dual hot-swappable HDD/SSD slots with RAID 0/1 support
ƒ Optional mirror coating to support smart mirror applications
Introduction
UTC-542 features an extra slim border all-in-one computing system equipped with wide format, touch based and mirror coating LCD panel. It is easy to integrate key peripherals for
diversified self-service and interactive signage deploy in different application areas. The systems deliver updated information with well-designed interactive interfaces, fully ensure
relevant content and targeted promotions are delivered. UTC series touch panel computers are the best investments to enhance user satisfaction, further brand equity, and maximize
business profits.
Specifications
Processor System
CPU
Intel® Celeron® J1900 (UTC-542D)
Intel® Core™ i7-6600U (Available)*
Intel® Core™ i5-6300U (UTC-542F)
Intel® Core™ i3-6100U (Available)*
Base Frequency
2 GHz (Quad-Core)
2.4 GHz (Dual-Core)
Cache
2 MB
3 MB
Memory
1 x SO-DIMM DDR3L 1333 MHz up to 8 GB
2 x SO-DIMM DDR3L 1600Mhz up to 16G
HDD/SSD
Dual hot-swappable HDD/SSD slots with RAID 0,1 support
Network (LAN)
2 x Gigabit Ethernet ports
I/O Ports
2 x RS-232 COM (RS-422/485)*
4 x USB 2.0 / 1 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x VGA
1 x HDMI
2 x RS-232 COM (RS-422/485)*
3 x USB 2.0 / 2 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x VGA
1 x HDMI
Stereo Speaker
10 W x 2
Bus expansion
Full-size MiniPCIe/mSATA
Dimensions (W x H x D)
990.6 x 578.8 x 60.2mm (Mirror Glass)
1016.9 x 605.2 x 60.5mm (Pcap / Mirror Pcap*)
Weight
24.6 kg
OS Support
Windows Embedded 7, Windows Embedded 8, Window 10 IoT Enterprise, Linux Ubuntu 14.04, Android 4.4.2**
Environmental Specifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Vibration
0.5G
Shock
5 G peak acceleration (11 msec. duration)
Front Panel Protection
IP65/ NEMA4 Compliant
Power
Input Rating
100-240VAC ~ 50/60Hz 3.7A
LCD Display
Size/Type
42.5" TFT LCD with LED backlight
Max.Resolution
1920 x 1080
Pixel Pitch (mm)
0.49 (H) x 0.49 (W)
Brightness (cd/m2)
450 nits
View Angle
Horizontal: ±89° or 178° total / Vertical: ±89° or 178° total
Touch Screen Option (PE/GE)
Type
Projected Capacitive Touch Panel / Mirror Glass Panel (No touch function) / Mirror Projected Capacitive Touch
Panel*
Light Transmission
>90% (Pure Glass); >25% (Mirror Coating)
Controller
USB Interface
* Mirror PCap by project request.
** Only UTC-542D to support Android OS.
NEW
RoHS
COMPLIANT
2002/95/EC
®
UL
All product specifications are subject to change without notice, * identify as optional function
Last updated: 9-Aug-2017


Similar Part No. - UTC-542P-R01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-542P-B ADVANTECH-UTC-542P-B Datasheet
431Kb / 1P
Barcode Reader for UTC-542 Series
29-Nov-2016
UTC-542P-B01E ADVANTECH-UTC-542P-B01E Datasheet
431Kb / 1P
Barcode Reader for UTC-542 Series
29-Nov-2016
UTC-542P-B02E ADVANTECH-UTC-542P-B02E Datasheet
431Kb / 1P
Barcode Reader for UTC-542 Series
29-Nov-2016
UTC-542P-C1E ADVANTECH-UTC-542P-C1E Datasheet
304Kb / 1P
Camera Module for UTC-542 Series
28-Jun-2017
UTC-542P-F ADVANTECH-UTC-542P-F Datasheet
408Kb / 1P
Fingerprint Module for UTC-500 Series
26-Dec-2017
More results

Similar Description - UTC-542P-R01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-532 ADVANTECH-UTC-532_16 Datasheet
555Kb / 2P
32' Ubiquitous Touch Computer
UTC-510 ADVANTECH-UTC-510 Datasheet
404Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-542 ADVANTECH-UTC-542_V01 Datasheet
612Kb / 2P
42.5 Ubiquitous Touch Computer
13-Feb-2019
UTC-320 ADVANTECH-UTC-320 Datasheet
473Kb / 2P
21.5 Ubiquitous Touch Computer
15-Feb-2019
UTC-315 ADVANTECH-UTC-315_V01 Datasheet
914Kb / 4P
15.6" Ubiquitous Touch Computer
6-Jul-2023
UTC-318 ADVANTECH-UTC-318_V01 Datasheet
1Mb / 4P
18.5" Ubiquitous Touch Computer
6-Jul-2023
UTC-520 ADVANTECH-UTC-520_V02 Datasheet
737Kb / 4P
21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520_V04 Datasheet
913Kb / 4P
21.5" Ubiquitous Touch Computer
7-Jan-2023
UTC-542 ADVANTECH-UTC-542_V02 Datasheet
903Kb / 4P
42.5" Ubiquitous Touch Computer
8-May-2023
UTK-615 ADVANTECH-UTK-615 Datasheet
753Kb / 3P
15.6" Ubiquitous Touch Computer
15-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com