Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB142 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # PB142
Description  Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB142 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  PB142 Datasheet HTML 1Page - Lumileds Lighting Company PB142 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IllumInatIon
RoHS
COMPLIANT
luXEon XF-3535l
Turnkey solution on a flexible substrate with optimized
performance and uniform light distribution
LUXEON XF-3535L is a fully integrated solution optimized for lighting
applications requiring flexible linear LED arrays that can easily fit into
any luminaire housing form factor. The turnkey solution minimizes time
to market and simplifies supply chain by reducing optical and mechanical
design efforts. Combined with LUXEON 3535L, LUXEON XF-3535L
provides the same powerful optical performance guaranteed by
LUXEON LEDs.
FEaturEs and BEnEFIts
PrImary aPPlIcatIons
1000–5000 lumen strips enabling efficacies of up to 157 lm/W
Downlights
A full range of CCT/CRI offerings: 2200–5700K with 70–90CRI minimums
Indoor Area Lighting
Complete integrated solution guarantees simplified supply chain and
faster time to market
Specialty Lighting
Backside adhesive for attachment to heat sink allows for ease of mounting
and assembly
Available with solder terminals or push-in wire connectors for easy
electrical connection
UL-recognized component [E335118]
5 year limited warranty


Similar Part No. - PB142

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB144 LUMILEDS-PB144 Datasheet
1Mb / 2P
Multiple colors, a single focal length
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
Turnkey solution on a rigid substrate enabling high-efficacy designs
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
Color LEDs that deliver the perfect amount of color you need
More results

Similar Description - PB142

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
SRS-14UL63-HADP-TL ETC2-SRS-14UL63-HADP-TL Datasheet
1Mb / 1P
Optimized Turnkey Apache Hadoop Cluster
logo
Lumileds Lighting Compa...
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
Turnkey solution on a rigid substrate enabling high-efficacy designs
L219-2780006FV0C00 LUMILEDS-L219-2780006FV0C00 Datasheet
2Mb / 13P
Flexible light source distributing uniform light across user selectable lengths
L235-3580AHLGBBAC0 LUMILEDS-L235-3580AHLGBBAC0 Datasheet
2Mb / 18P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
L235-4080AHLCBAAC0 LUMILEDS-L235-4080AHLCBAAC0 Datasheet
2Mb / 18P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
Turnkey solution on a rigid substrate enabling high-efficacy designs
PB156 LUMILEDS-PB156 Datasheet
1Mb / 2P
Flexible light source distributing uniform light across user selectable lengths
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
Turnkey solution on a rigid substrate enabling high-efficacy designs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com