Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB142 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB142
Description  Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB142 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB142 Datasheet HTML 1Page - Lumileds Lighting Company PB142 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2016 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB142 LUXEON XF-3535L Product Brief 20160402
LUXEON XF-3535L product performance at 100mA/LED, T
j=25°C.
nomInal
cct
mInImum
crI
lumInous FluX[1] (lm)
tyPIcal lumInous
EFFIcacy (lm/W)
tyPIcal ForWard
VoltagE (V
f)
tEst currEnt
(ma)
Part numBEr [2]
mInImum
tyPIcal
2200K
80
1080
1206
112
18
600
L235-2280AHLxByAC0
1680
1876
112
21
800
L235-2280AMLF5WAD0
3240
3618
112
36
900
L235-2280AULM5JAI0
2700K
80
1368
1476
137
18
600
L235-2780AHLxByAC0
2128
2296
137
21
800
L235-2780AMLF5WAD0
4104
4428
137
36
900
L235-2780AULM5JAI0
85
1080
1224
113
18
600
L235-2790AHLxByAC0
1680
1904
113
21
800
L235-2790AMLF5WAD0
3240
3672
113
36
900
L235-2790AULM5JAI0
3000K
80
1368
1512
140
18
600
L235-3080AHLxByAC0
2128
2352
140
21
800
L235-3080AMLF5WAD0
4104
4536
140
36
900
L235-3080AULM5JAI0
3500K
80
1512
1548
143
18
600
L235-3580AHLxByAC0
2352
2408
143
21
800
L235-3580AMLF5WAD0
4536
4644
143
36
900
L235-3580AULM5JAI0
4000K
80
1512
1584
147
18
600
L235-4080AHLxByAC0
2352
2464
147
21
800
L235-4080AMLF5WAD0
4536
4752
147
36
900
L235-4080AULM5JAI0
85
1224
1368
127
18
600
L235-4090AHLxByAC0
1904
2128
127
21
800
L235-4090AMLF5WAD0
3672
4104
127
36
900
L235-4090AULM5JAI0
5000K
80
1512
1692
157
18
600
L235-5080AHLxByAC0
2352
2632
157
21
800
L235-5080AMLF5WAD0
4536
5076
157
36
900
L235-5080AULM5JAI0
5700K
80
1512
1548
143
18
600
L235-5780AHLxByAC0
2352
2408
143
21
800
L235-5780AMLF5WAD0
4536
4644
143
36
900
L235-5780AULM5JAI0
70
1584
1692
157
18
600
L235-5770AHLxByAC0
2464
2632
157
21
800
L235-5770AMLF5WAD0
4752
5076
157
36
900
L235-5770AULM5JAI0
Notes:
1. Lumileds maintains a tolerance of ±7.5% on flux measurements.
2. “x” and “y” are part number attributes as explained in product datasheet.
LUXEON XF-3535L physical configurations.
Part numBEr
lEd
count
FlEX strIP
lEngth (mm)
FlEX strIP
WIdth (mm)
lEd PItch [1]
(mm)
ElEctrIcal
conFIguratIon
ElEctrIcal
connEctIon
L235-xxyyAHLGBAAC0
36
600
10
16.67
6 Parallel x 6 Series LEDs
Tin Contacts
L235-xxyyAHLGBBAC0
36
600
10
16.67
6 Parallel x 6 Series LEDs
IDC Connectors
L235-xxyyAHLCBAAC0
36
300
10
8
6 Parallel x 6 Series LEDs
Tin Contacts
L235-xxyyAHLCBBAC0
36
300
10
8
6 Parallel x 6 Series LEDs
IDC Connectors
L235-xxyyAMLF5WAD0
56
525
5.25
8.45
8 Parallel x 7 Series LEDs
IDC Connectors
L235-xxyyAULM5JAI0
108
1150
5.25
10
9 Parallel x 12 Series LEDs
IDC Connectors
Notes:
1. LED pitch is measured from optical center to optical center of neighboring LED packages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com