Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1568IGN Datasheet HTML 8Page - Linear Technology LT1568IGN Datasheet HTML 9Page - Linear Technology LT1568IGN Datasheet HTML 10Page - Linear Technology LT1568IGN Datasheet HTML 11Page - Linear Technology LT1568IGN Datasheet HTML 12Page - Linear Technology LT1568IGN Datasheet HTML 13Page - Linear Technology LT1568IGN Datasheet HTML 14Page - Linear Technology LT1568IGN Datasheet HTML 15Page - Linear Technology LT1568IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT1568
14
1568f
Table 4. Resistor Values in Ohms, 4th Order Lowpass
Butterworth, Gain = 1
fCUTOFF (MHz)
R11, R21
R31
R12, R22
R32
1
1.05k
1.58k
1.82k
887
Ω
2
523
Ω
787
Ω
909
Ω
432
Ω
3
348
Ω
523
Ω
590
Ω
294
Ω
4
255
Ω
383
Ω
432
Ω
215
Ω
5
205
Ω
309
Ω
348
Ω
174
Ω
6
169
Ω
255
Ω
280
Ω
143
Ω
7
143
Ω
221
Ω
232
Ω
124
Ω
8
124
Ω
196
Ω
196
Ω
107
Ω
9
107
Ω
174
Ω
169
Ω
97.6
Ω
10
97.6
Ω
158
Ω
143
Ω
88.7
Ω
4th Order Lowpass Filter,
Dual Supply Operation
4th Order Lowpass Filter,
Single Supply Operation
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
0.1
µF
VIN
VOUT
VOUT
R11
R31
R22
R32
R12
R21
0.1
µF
–5V
1568 TA05
5V
LT1568
BAT54S
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
0.1
µF
VIN
VOUT
VOUT
R11
R31
R22
R32
R12
R21
0.1
µF
1568 TA06
V+
LT1568
Amplitude Response
4th Order Lowpass Butterworth Lowpass, fCUTOFF = 1MHz
Transient Response
4th Order Lowpass Butterworth Lowpass, fCUTOFF = 1MHz
INPUT
500mV/DIV
OUTPUT
200mV/DIV
1
µs/DIV
1568 TA14
FREQUENCY (MHz)
0.1
–60
–48
–36
–24
–12
110
20
1568 TA13
–72
–84
–96
–108
0
12
4th ORDER LOWPASS FILTER DESIG S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com