Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1568IGN Datasheet HTML 2Page - Linear Technology LT1568IGN Datasheet HTML 3Page - Linear Technology LT1568IGN Datasheet HTML 4Page - Linear Technology LT1568IGN Datasheet HTML 5Page - Linear Technology LT1568IGN Datasheet HTML 6Page - Linear Technology LT1568IGN Datasheet HTML 7Page - Linear Technology LT1568IGN Datasheet HTML 8Page - Linear Technology LT1568IGN Datasheet HTML 9Page - Linear Technology LT1568IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1568
6
1568f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain Mismatch
fC = 1MHz, fIN = fC
q
–0.3
±0.10
0.3
dB
(VOUTA – VOUTA)(VOUTB – VOUTB)
fC = 10MHz, fIN = fC
q
–0.4
±0.15
0.4
dB
Wideband Output Noise
fC = 1MHz, RFIL = 1.28k, BW = 2MHz
36
µVRMS
fC = 10MHz, RFIL = 128Ω, BW = 20MHz
88
µVRMS
THD
Total Harmonic Distortion
fC = 1MHz, RFIL = 1.28k,
– 84
dB
fIN = 200kHz, VIN = 1VP-P
fC = 10MHz, RFIL = 128Ω,– 69
dB
fIN = 2MHz, VIN = 1VP-P
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The inputs of each op amp are protected by back-to-back diodes.
If either differential input voltage exceeds 1.4V, the input current should be
limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The inverter bandwidth is measured with the SA or SB output
floating, and is defined as the frequency at which the phase shift from
OUTA (OUTB) to OUTA (OUTB) drops from 180
° to 135°.
Note 5: Measured with the SA or SB output connected in the filter
application circuit as shown in the Block Diagram.
Note 6: The common mode input voltage range is measured by shorting
the filter input to the common mode reference (GNDA or GNDB) and
applying a DC input voltage to search for the common mode voltage range
that creates a
±2mV (VS = 3V) or ±5mV (VS = ±5V) change in the (OUTA
or OUTB) voltage (measured with respect to GNDA or GNDB).
Note 7: The minimum cutoff frequency of the LT1568 is arbitrarily listed
as 200kHz. The limit is arrived at by setting the maximum resistor value
limit at 6.4k. Due to input bias current, the output DC offset through a
single section can be as high as 25mV with resistors this large. The
LT1568 can be used with even larger resistors if the large offset voltages
can be tolerated. For cutoff frequencies below 200kHz, refer to the
LTC1563-2, LTC1563-3.
Note 8: With equal-sized resistors, the differential DC gain through either a
single section or cascaded sections is 6dB.
Note 9: The LT1568C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1568C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1568I is guaranteed to meet
specified performance from –40
°C to 85°C.
Specifications are for the
differential output (OUTA – OUTA or OUTB – OUTB) of a single 2nd order section (A or B), gain = –2,
RFIL = R11 = R21 = R31 = R12 = R22 = R32. All voltages are with respect to VGND = VGNDA = VGNDB. The q denotes the specifications
which apply over the full operating temperature range, otherwise specifications and typical values are at TA = 25°C.
VS = single 5V, EN pin to logic “low,” RLDIFF = 800Ω connected to midsupply, unless otherwise noted.
FILTER ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com