Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1952
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952 Datasheet(HTML) 2 Page - Linear Technology

  LT1952 Datasheet HTML 1Page - Linear Technology LT1952 Datasheet HTML 2Page - Linear Technology LT1952 Datasheet HTML 3Page - Linear Technology LT1952 Datasheet HTML 4Page - Linear Technology LT1952 Datasheet HTML 5Page - Linear Technology LT1952 Datasheet HTML 6Page - Linear Technology LT1952 Datasheet HTML 7Page - Linear Technology LT1952 Datasheet HTML 8Page - Linear Technology LT1952 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1952
2
1952f
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
COMP
FB
ROSC
SYNC
SS_MAXDC
VREF
SD_VSEC
GND
SOUT
VIN
OUT
PGND
DELAY
OC
ISENSE
BLANK
VIN (Note 8) ............................................... –0.3V to 25V
SYNC, SS_MAXDC, SD_VSEC, ISENSE,
OC, COMP, BLANK, DELAY ......................... –0.3V to 6V
FB ................................................................ –0.3V to 3V
ROSC ...................................................................................... –50µA
VREF .................................................................... –10mA
Operating Junction Temperature Range
(Notes 2, 5) ....................................... –40°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
GN PART
MARKING
TJMAX = 125°C, θJA = 110°C/W, θJC = 40°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1952E
1952I
LT1952EGN
LT1952IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF
= 0.1µF, SD_VSEC = 2V, BLANK = 40k, DELAY = 40k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
Operational Input Voltage
I(VREF) = 0µA
● VIN OFF
25
V
VIN Quiescent Current
I(VREF) = 0µA, FB = 0V, ISENSE = OC = Open
5.2
6.5
mA
VIN Startup Current
FB = 0V, SS_MAXDC = 0V (Notes 4, 9)
●
460
700
µA
VIN Shutdown Current
SD_VSEC = 0V
240
350
µA
SD_VSEC Threshold
10V < VIN < 25V
●
1.261
1.32
1.379
V
SD_VSEC (ON) Current
SD_VSEC = SD_VSEC Threshold + 100mV
0
µA
SD_VSEC (OFF) Current
SD_VSEC = SD_VSEC Threshold – 100mV
9.5
11.2
12.9
µA
VIN ON
●
12.75
14.25
15.75
V
VIN OFF
●
8.0
8.75
9.25
V
VIN HYSTERESIS
●
3.75
5.5
6.75
V
VREF
Output Voltage
I(VREF) = 0µA
●
2.425
2.5
2.575
V
Line Regulation
I(VREF) = 0µA, 10V < VIN < 25V
1
10
mV
Load Regulation
0µA < I(VREF) < 2.5mA
1
10
mV
OSCILLATOR
Frequency: fOSC
ROSC = 178k, FB = 1V
●
165
200
240
kHz
Minimum Programmable fOSC
ROSC = 365k
80
100
120
kHz
Maximum Programmable fOSC
ROSC = 64.9k, COMP = 2.5V, SD_VSEC = 2.64V
440
500
560
kHz
SYNC Input Resistance
18
kΩ
SYNC Switching Threshold
FB = 1V
1.5
2.2
V
SYNC Frequency/fOSC
FB = 1V (Note 7)
1.25
1.5
fOSC Line Reg
FB = 1V, ROSC = 178k; 10V < VIN < 25V,
0.05
0.33
%/V
SS_MAXDC = 1.84V
VROSC
ROSC Pin voltage
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com